Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-1VC1H151J Datasheet(PDF) 6 Page - International Rectifier

Part # ECJ-1VC1H151J
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VC1H151J Datasheet(HTML) 6 Page - International Rectifier

Back Button ECJ-1VC1H151J Datasheet HTML 2Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 3Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 4Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 5Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 6Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 7Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 8Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 9Page - International Rectifier ECJ-1VC1H151J Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Rev 8.0
6
PD-97658
IR3841WMPbF
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vin=12V, 0
oC<T
j< 125
oC.
Typical values are specified at T
a = 25
oC.
Parameter
Symbol
Test Condition
Min
TYP
MAX
Units
Oscillator
Rt Voltage
0.665
0.7
0.735
V
Rt=59K
225
250
275
Rt=28.7K
450
500
550
Frequency
FS
Rt=9.31K, Note4
1350
1500
1650
kHz
Accuracy
-10
+10
%
Ramp Amplitude
Vramp
Note4
1.8
Vp-p
Ramp Offset
Ramp (os)
Note4
0.6
V
Min Pulse Width
Dmin(ctrl)
Note4
50
Fixed Off Time
Note4
130
200
ns
Max Duty Cycle
Dmax
Fs=250kHz
92
%
Error Amplifier
Input Offset Voltage
Vos
Vfb-Vseq,
Vseq=0.8V
-10
0
+10
mV
Input Bias Current
IFb(E/A)
-1
+1
Input Bias Current
IVp(E/A)
-1
+1
μA
Sink Current
Isink(E/A)
0.40
0.85
1.2
Source Current
Isource(E/A)
8
10
13
mA
Slew Rate
SR
Note4
7
12
20
V/
μs
Gain-Bandwidth Product
GBWP
Note4
20
30
40
MHz
DC Gain
Gain
Note4
100
110
120
dB
Maximum Voltage
Vmax(E/A)
Vcc=4.5V
3.4
3.5
3.75
V
Minimum Voltage
Vmin(E/A)
120
220
mV
Common Mode Voltage
Note4
0
1
V
Soft Start/SD
Soft Start Current
ISS
Source
14
20
26
μA
Soft Start Clamp Voltage
Vss(clamp)
2.7
3.0
3.3
Shutdown Output Threshold
SD
0.3
V
Over Current Protection
Fs=250kHz
20.8
23.6
26.4
Fs=500kHz
43
48.8
54.6
OCSET Current
IOCSET
Fs=1500kHz
136
154
172
μA
OC Comp Offset Voltage
VOFFSET
Note4
-10
0
+10
mV
SS off time
SS_Hiccup
4096
Cycles
Bootstrap Diode
Forward Voltage
I(Boot)=30mA
180
260
470
mV
Deadband
Deadband time
Note4
5
10
30
ns


Similar Part No. - ECJ-1VC1H151J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-1VC1H151J IRF-ECJ-1VC1H151J Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
ECJ-1VC1H151J IRF-ECJ-1VC1H151J Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VC1H151J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841M IRF-IR3841M_15 Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com