Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-1VC1H121J Datasheet(PDF) 6 Page - International Rectifier

Part # ECJ-1VC1H121J
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VC1H121J Datasheet(HTML) 6 Page - International Rectifier

Back Button ECJ-1VC1H121J Datasheet HTML 2Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 3Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 4Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 5Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 6Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 7Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 8Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 9Page - International Rectifier ECJ-1VC1H121J Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
IR3837MPbF
Rev 1.31
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over, 7.0V<V
in=PVin<16V, Vref=0.6V
in 0oC<T
j< 125
oC. Typical values are specified at T
a = 25
oC.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Vos_Vp
Vfb-Vp, Vp=0.6V, Vref >2.0V
-1
+1
Input Offset Voltage
Vos_Vref
Vfb-Vref, Vref=0.6V, Vp>2.0V
-1
1
%
Input Bias Current
IFb(E/A)
-1
+1
A
Input Bias Current
IVp(E/A)
-1
+1
A
Sink Current
Isink(E/A)
0.40
0.85
1.2
mA
Source Current
Isource(E/A)
8
10
13
mA
Slew Rate
SR
Note4
7
12
20
V/
s
Gain-Bandwidth Product
GBWP
Note4
20
30
40
MHz
DC Gain
Gain
Note4
100
110
120
dB
Maximum Voltage
Vmax(E/A)
3.4
3.5
3.75
V
Minimum Voltage
Vmin(E/A)
150
220
mV
Common Mode Voltage
0
1.2
V
OSCILLATOR
Rt Voltage
0.665
0.7
0.735
V
Rt=59K
225
250
275
Rt=28.7K
450
500
550
Frequency Range
FS
Rt=9.53K, Note4
1350
1500
1650
kHz
Ramp Amplitude
Vramp
Note4
1.8
Vp-p
Ramp Offset
Ramp(os)
Note4
0.6
V
Min Pulse Width
Dmin(ctrl)
Note4
70
ns
Max Duty Cycle
Dmax
Fs=250kHz
91
%
Fixed Off Time
Note4
300
ns
Sync Frequency Range
20% above free running
frequency
225
1650
kHz
Sync Pulse Duration
100
200
ns
Sync High
2
Sync Level Threshold
Sync Low
0.6
V
REFERENCE VOLTAGE
Feedback Voltage
VFB
Vref pin floating, Vp=Vcc
0.6
V
0
oC<Tj<125oC
-1.0
+1.0
Accuracy
-40
oC<Tj<125oC, Note3
-2.0
+2.0
%
Vref margining voltage
Vref_marg
0.54
1.2
V
Sink Current
Isink_Vref
Vref=0.7V
19
25
µA
Source Current
Isource_Vref
Vref=0.5V
19
25
µA
Tracker(upper)
Vref pulled up externally
1.35
1.5
1.6
Tracker Comparator Threshold
Tracker(lower)
Vref pulled up externally
1.05
1.2
1.3
V
Tracker Comparator
Hysteresis
Tracker_Hys
Vref pulled up externally
220
300
420
mV


Similar Part No. - ECJ-1VC1H121J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VC1H120J PANASONIC-ECJ-1VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results

Similar Description - ECJ-1VC1H121J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com