Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT03C24 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BZT03C24
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03C24 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZT03C24 Datasheet HTML 1Page - Vishay Siliconix BZT03C24 Datasheet HTML 2Page - Vishay Siliconix BZT03C24 Datasheet HTML 3Page - Vishay Siliconix BZT03C24 Datasheet HTML 4Page - Vishay Siliconix BZT03C24 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BZT03-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
4
Document Number: 85599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Epoxy Glass Hard Tissue, Board Thickness 1.5 mm,
RthJA  100 K/W
Fig. 2 - Total Power Dissipation vs. Ambient Temperature
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Non Repetitive Surge Power Dissipation vs.
Pulse Length
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
25
50
3
2
50
7
94 9086a
0
0
1
2
3
4
94 9584
40
80
120
160
Tamb –Ambient Temperature ( °C )
200
ll
TL=constant
l=10mm
see Fig.1
15mm
20mm
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9585
VF –Forward Voltage ( V )
2.5
Tj=25°C
0.01
0.1
1
10
10
100
1000
10000
tp –Pulse Length ( ms )
100
94 9586
Tj=25°C
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn