Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3827MTR1PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3827MTR1PBF
Description  6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3827MTR1PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3827MTR1PBF Datasheet HTML 6Page - International Rectifier IR3827MTR1PBF Datasheet HTML 7Page - International Rectifier IR3827MTR1PBF Datasheet HTML 8Page - International Rectifier IR3827MTR1PBF Datasheet HTML 9Page - International Rectifier IR3827MTR1PBF Datasheet HTML 10Page - International Rectifier IR3827MTR1PBF Datasheet HTML 11Page - International Rectifier IR3827MTR1PBF Datasheet HTML 12Page - International Rectifier IR3827MTR1PBF Datasheet HTML 13Page - International Rectifier IR3827MTR1PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
IR3827
10
www.irf.com
© 2013 International Rectifier
July 18, 2013
ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, these specifications apply over, 5.5V < Vin = PVin < 21V, 0°C < TJ < 125°C, LDO_Select=Gnd,
SS_Select=float. Typical values are specified at Ta = 25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Upper Gate Driver
Source Resistance
VBOOT-VSW = 5.1V, Note 8
3
Ω
Sink Resistance
VBOOT-VSW = 5.1V, Note 8
4
Lower Gate Driver
Source Resistance
VCC = 5.1V, Note 8
2
Ω
Sink Resistance
VCC = 5.1V, Note 8
0.8
Over-Temperature Protection
Thermal Shutdown Threshold
Note 8
145
°C
Hysteresis
Note8
20
Note 8: Guaranteed by design, but not tested in production.
Note 9: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.


Similar Part No. - IR3827MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827M IRF-IR3827M Datasheet
2Mb / 44P
   Single input voltage range from 5V to 21V
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
   Single input voltage range from 5V to 21V
More results

Similar Description - IR3827MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com