Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3725MTRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3725MTRPBF
Description  INPUT POWER MONITOR WITH DIGITAL INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3725MTRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3725MTRPBF Datasheet HTML 6Page - International Rectifier IR3725MTRPBF Datasheet HTML 7Page - International Rectifier IR3725MTRPBF Datasheet HTML 8Page - International Rectifier IR3725MTRPBF Datasheet HTML 9Page - International Rectifier IR3725MTRPBF Datasheet HTML 10Page - International Rectifier IR3725MTRPBF Datasheet HTML 11Page - International Rectifier IR3725MTRPBF Datasheet HTML 12Page - International Rectifier IR3725MTRPBF Datasheet HTML 13Page - International Rectifier IR3725MTRPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IR3725
Data Sheet
Page 10 of 19
www.irf.com
2011_11_16
INDUCTOR DCR CURRENT SENSING APPLICATION
Referring to the Functional Description Diagram, it
can be seen that the shunt function can be
accomplished by the DC resistance of the inductor
that is already present. Omitting the resistive shunt
reduces BOM cost and increases efficiency. In
exchange for these two significant advantages two
easily compensated design complications are
introduced, a time constant and a temperature
coefficient.
The inductor voltage sensed between the Rcs1
resistors is not simply proportional to the inductor
current, but rather is expressed in the Laplace
equation below.
 
DCR
L
s
1
DCR
L
L
V
This inductor time constant is canceled when
CS1
CS2
CS1
CS2
CS1
C
R
R
R
R
2
DCR
L
.
Let
eq
CS2
CS1
CS2
CS1
R
R
R
R
R
.
A second equation is used to set the full-scale
inductor current.
DCR
R
R
R
V
I
CS2
CS1
T
IG
FS
. Let
sum
CS2
CS1
R
R
R
and solve for Rsum.
Select a standard value CCS1 that is larger than
sum
R
DCR
L
4
. Solve for Req.
We now know Req and Rsum, but we do not know
the individual resistor values RCS1 or RCS2. The next
step is to solve for them simultaneously. By
substituting Rsum into the Req equation the following
can be written:
sum
CS2
CS1
eq
R
R
R
R
, which can then be rearranged to
0
R
R
R
R
R
sum
eq
sum
CS1
2
CS1
.
Note that this equation is of the form
0
c
bx
ax2
where a=1, b=-Rsum, and
c=Req•Rsum. The roots of this quadratic equation
will be RCS1 and RCS2. Use the higher value resistor
as RCS1 in order to minimize ripple current in CCS1.
2
R
R
4
1
1
R
R
SUM
eq
SUM
CS1
2
R
R
4
1
1
R
R
SUM
eq
SUM
CS2


Similar Part No. - IR3725MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3725MTRPBF IRF-IR3725MTRPBF Datasheet
773Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results

Similar Description - IR3725MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3725 IRF-IR3725 Datasheet
773Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Source Photonics, Inc.
SP-GB-EX-CDFC SOURCE-SP-GB-EX-CDFC Datasheet
231Kb / 9P
   Digital diagnostic monitor interface Compatible with SFF-8472
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Texas Instruments
INA219 TI1-INA219_17 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com