Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.65.120.001/0000 Datasheet(PDF) 1 Page - C&K Components

Part # 1.65.120.001/0000
Description  Pushbuttons
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

1.65.120.001/0000 Datasheet(HTML) 1 Page - C&K Components

  1.65.120.001/0000 Datasheet HTML 1Page - C&K Components 1.65.120.001/0000 Datasheet HTML 2Page - C&K Components 1.65.120.001/0000 Datasheet HTML 3Page - C&K Components 1.65.120.001/0000 Datasheet HTML 4Page - C&K Components 1.65.120.001/0000 Datasheet HTML 5Page - C&K Components 1.65.120.001/0000 Datasheet HTML 6Page - C&K Components 1.65.120.001/0000 Datasheet HTML 7Page - C&K Components 1.65.120.001/0000 Datasheet HTML 8Page - C&K Components 1.65.120.001/0000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
1 - 1
1
Pushbuttons
Page
General information
1 - 2
8 mm Series
1 - 3
8 mm Series - Illuminated pushbutton
1 - 4
8 mm Series - Signal lamp
1 - 6
LUMOTAST FK
1 - 9
LUMOTAST FK - Illuminated pushbutton
1 - 12
LUMOTAST FK - Signal lamp
1 - 16
LUMOTAST 25
1 - 19
LUMOTAST 25 - Illuminated pushbutton
1 - 22
LUMOTAST 25 - Selector switch
1 - 26
LUMOTAST 25 - Keylock switch
1 - 28
LUMOTAST 25 - Emergency stop pushbutton
1 - 30
LUMOTAST 25 - Signal lamp
1 - 32
LUMOTAST 75 IP40
1 - 35
LUMOTAST 75 IP40 - Illuminated pushbutton
1 - 36
LUMOTAST 75 IP40 - Keylock switch
1 - 42
LUMOTAST 75 IP40 - Signal lamp with lamp socketT 4.5
1 - 46
LUMOTAST 75 IP65
1 - 51
LUMOTAST 75 IP65 - Illuminated pushbutton
1 - 52
LUMOTAST 75 IP65 - Signal lamp
1 - 60
Other keylock switches
1 - 65
Keylock switch
1 - 66
Priority keylock switch
1 - 68
Other pushbuttons
1 - 71
Pushbutton opaque - mounting hole diameter 9.1 mm, 24 V/100 mA
1 - 72
Pushbutton (illuminated) - mounting hole diameter 9.1 mm, 24 V/0.5 A
1 - 74
Pushbutton opaque - mounting hole diameter 15.2 mm, 250 V/0.7 A
1 - 76
Pushbutton opaque - mounting hole diameter 16.2 mm, 250 V/2 A
1 - 78
Pushbutton opaque - mounting hole diameter 18.2 mm, 250 V/2 A
1 - 80
Pushbutton with lamp socket BA9s - (MBC/MCC), mounting hole diameter 20.3 mm, 250 V/2 A
1 - 82
Pushbuttons


Similar Description - 1.65.120.001/0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com