Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3537MTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3537MTRPBF
Description  12V High Performance Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3537MTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IR3537MTRPBF Datasheet HTML 1Page - International Rectifier IR3537MTRPBF Datasheet HTML 2Page - International Rectifier IR3537MTRPBF Datasheet HTML 3Page - International Rectifier IR3537MTRPBF Datasheet HTML 4Page - International Rectifier IR3537MTRPBF Datasheet HTML 5Page - International Rectifier IR3537MTRPBF Datasheet HTML 6Page - International Rectifier IR3537MTRPBF Datasheet HTML 7Page - International Rectifier IR3537MTRPBF Datasheet HTML 8Page - International Rectifier IR3537MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
September 17, 2012 | FINAL | V1.11
4
IR3537
CHL8510
12V High Performance Gate Driver
TYPICAL APPLICATIONS BLOCK DIAGRAMS
+3.3V
V_CPU
3
28
36
4
5
7
8
16
11
25
CHL8316
12
17
18
19
20
21
22
23
24
9
30
31
34
39
32
33
VINSEN
PWM4
PWM5
PWM3
PWM 2
PWM1
ISEN5
VID5
VID6
VID1
VID3
VID4
VID2
VID0
VID7
IMON
VR_READY
VCPU
PSI#
VCC
RRES
EN
V18A
VRTN
IRTN3
ISEN4
2
1
47
IRTN1
RCSP
IRTN2
RCSM
ISEN3
ISEN2
ISEN1
IRTN4
+12V
From
System
L
O
A
D
VRTN
R_IMON
C_IMON
RCS
CCS
Rseries
Rseries
RTh
RVIN_1
RVIN_2
45
46
43
44
41
42
IRTN5
PWM6
ISEN6
IRTN6
40
35
37
38
26
VR_HOT
TSEN
RTh2
6 SADDR/
GAMER_OFF
13
SALERT#
+3.3V
14
15
SCL
SDA
10
GND
29
NC
48
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
12V
BOOT
SWITCH
V_VGD
CHL8510
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
12V
V_VGD
27
VAR_GATE
To
CPU
To
CPU
Optional Variable
Gate Drive Circuit
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
HVCC
LO_GATE
HI_GATE
Vcc
GND
PWM
LVCC
BOOT
SWITCH
MODE
CHL8510
CHL8510
CHL8510
CHL8510
CHL8510
CHL8510
Figure 4: 6-Phase Voltage Regulator using IR3537/CHL8510 MOSFET drivers & CHL8316 Controller


Similar Part No. - IR3537MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
443Kb / 15P
   Input supply under voltage protection
IR3537 IRF-IR3537_15 Datasheet
443Kb / 15P
   Input supply under voltage protection
More results

Similar Description - IR3537MTRPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81075 ONSEMI-NCP81075 Datasheet
124Kb / 13P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
logo
Holtek Semiconductor In...
BS45F5930 HOLTEK-BS45F5930 Datasheet
5Mb / 93P
   12V High Current Driver Touch MCU
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Intersil Corporation
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
List of Unclassifed Man...
IM1007 ETC2-IM1007 Datasheet
384Kb / 2P
   HIGH PERFORMANCE MICROSTEPPING DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com