Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1J2551F Datasheet(PDF) 11 Page - International Rectifier

Part # RK73H1J2551F
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RK73H1J2551F Datasheet(HTML) 11 Page - International Rectifier

Back Button RK73H1J2551F Datasheet HTML 7Page - International Rectifier RK73H1J2551F Datasheet HTML 8Page - International Rectifier RK73H1J2551F Datasheet HTML 9Page - International Rectifier RK73H1J2551F Datasheet HTML 10Page - International Rectifier RK73H1J2551F Datasheet HTML 11Page - International Rectifier RK73H1J2551F Datasheet HTML 12Page - International Rectifier RK73H1J2551F Datasheet HTML 13Page - International Rectifier RK73H1J2551F Datasheet HTML 14Page - International Rectifier RK73H1J2551F Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
11
IR3475 
10A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified. 
 
Figure 17: Load Transient 0‐4A 
 
Figure 19: DCM/FCCM Transition 
 
Figure 21: Thermal Image at VIN = 12V, IOUT = 10A  
(IR3475: 95
oC, Inductor: 57oC, PCB: 44oC)
 
Figure 18: Load Transient 6‐10A 
 
Figure 20: FCCM/DCM Transition 
 
Figure 22: Thermal Image at VIN = 19V, IOUT = 10A  
(IR3475: 97
oC, Inductor: 58oC, PCB: 44oC) 
VOUT
PHASE
iL
20mV/div 5V/div 2A/div
50µs/div
VOUT
PHASE
iL
20mV/div 5V/div 5A/div
50µs/div
FCCM
PHASE
VOUT
iL
5V/div 10V/div 500mV/div 5A/div
10µs/div
FCCM
PHASE
VOUT
iL
2V/div 10V/div 500mV/div 5A/div
5µs/div


Similar Part No. - RK73H1J2551F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RK73H1J2551F IRF-RK73H1J2551F Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
RK73H1J2551F IRF-RK73H1J2551F Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
RK73H1J2551F IRF-RK73H1J2551F Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - RK73H1J2551F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com