Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73H1JLTD1372F Datasheet(PDF) 8 Page - International Rectifier

Part # RK73H1JLTD1372F
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RK73H1JLTD1372F Datasheet(HTML) 8 Page - International Rectifier

Back Button RK73H1JLTD1372F Datasheet HTML 4Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 5Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 6Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 7Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 8Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 9Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 10Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 11Page - International Rectifier RK73H1JLTD1372F Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
8
IR3475 
10A Highly Integrated SupIRBuck
TM 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Fault Protection 
ISET Pin Output Current   
On the basis of 25°C 
17 
19 
21 
µA 
ISET Pin Output Current  
Temperature Coefficient 
  
On the basis of 25°C, Note 1   
4400   
ppm/ 
°C 
Under Voltage Threshold   
Falling VFB & Monitor 
PGOOD 
0.37 
0.4 
0.43 
Under Voltage Hysteresis   
Rising VFB, Note 1   
7.5   
mV 
Over Voltage Threshold   
Rising VFB & Monitor PGOOD 
0.586 
0.625 
0.655 
Over Voltage Hysteresis   
Falling VFB, Note 1   
7.5   
mV 
VCC Turn‐on Threshold   
 ‐40°C to 125°C 
3.9 
4.2 
4.5  
VCC Turn‐off Threshold   
  
3.6 
3.9 
4.2 
VCC Threshold Hysteresis   
  
  
300   
mV 
EN Rising Threshold  
 ‐40°C to 125°C 
1.1 
1.25 
1.45 
EN Hysteresis  
  
 
400  
mV 
EN Input Current  
EN = 3.3V  
 
15 
µA 
PGOOD Pull Down Resistance  
 
 
25 
50 Ω 
PGOOD Delay Threshold 
VSS  
 
1  
Thermal Shutdown Threshold  
Note 1 
125 
140  
°C 
Thermal Shutdown Threshold 
Hysteresis 
 
Note 1  
20  
°C 
Note:  
1.
Guaranteed by design but not tested in production 
2.
Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2). 
Products with prior date code of 1227 are qualified with MSL3 for Consumer Market. 


Similar Part No. - RK73H1JLTD1372F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H1JLTD1002D KOA-RK73H1JLTD1002D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JLTD1002D KOA-RK73H1JLTD1002D Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JLTD1002F KOA-RK73H1JLTD1002F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
RK73H1JLTD1002F KOA-RK73H1JLTD1002F Datasheet
867Kb / 2P
   THICK FILM竊늁RECISION竊
logo
List of Unclassifed Man...
RK73H1JLTD1003D ETC1-RK73H1JLTD1003D Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
More results

Similar Description - RK73H1JLTD1372F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com