Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3476MTR1PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3476MTR1PBF
Description  12A Highly Integrated SupIRBuck Continuous 12A Load Capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3476MTR1PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3476MTR1PBF Datasheet HTML 6Page - International Rectifier IR3476MTR1PBF Datasheet HTML 7Page - International Rectifier IR3476MTR1PBF Datasheet HTML 8Page - International Rectifier IR3476MTR1PBF Datasheet HTML 9Page - International Rectifier IR3476MTR1PBF Datasheet HTML 10Page - International Rectifier IR3476MTR1PBF Datasheet HTML 11Page - International Rectifier IR3476MTR1PBF Datasheet HTML 12Page - International Rectifier IR3476MTR1PBF Datasheet HTML 13Page - International Rectifier IR3476MTR1PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
March 27, 2013  |  V2.2  |  PD97603
10
IR3476 
12A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified.
 
Figure 11: Startup 
 
Figure 13: DCM (IOUT = 0.1A) 
 
 
Figure 15: Over Current Protection  
(tested by shorting VOUT to PGND) 
 
Figure 12: Shutdown 
 
Figure 14: CCM (IOUT = 12A) 
 
 
Figure 16: Over Voltage Protection  
(tested by shorting FB to VOUT)
EN
PGOOD
SS
VOUT
EN
PGOOD
SS
VOUT
5V/div
5V/div 1V/div 500mV/div
5ms/div
5V/div 5V/div 1V/div 500mV/div
500µs/div
VOUT
PHASE
iL
20mV/div 5V/div 5A/div
10µs/div
20mV/div 5V/div 10A/div
2µs/div
5V/div 1V/div 1V/div 10A/div
2ms/div
5V/div 1V/div
500mV/div 2A/div
50µs/div
VOUT
PHASE
iL
PGOOD
SS
VOUT
iL
PGOOD
FB
VOUT
iL


Similar Part No. - IR3476MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476MTR1PBF IRF-IR3476MTR1PBF Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
More results

Similar Description - IR3476MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
   12A switching capability
logo
International Rectifier
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
logo
Enpirion, Inc.
EN63A0QI ENPIRION-EN63A0QI Datasheet
1Mb / 24P
   12A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com