Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW214AX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQW214AX
Description  Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW214AX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQW214AX Datasheet HTML 1Page - Panasonic Semiconductor AQW214AX Datasheet HTML 2Page - Panasonic Semiconductor AQW214AX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU 2 Form A (AQW21
❍)
ASCTB50E 201201-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
*Turn on/Turn off time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ For Dimensions.
■ For Schematic and Wiring Diagrams.
■ For Cautions for Use.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
For more information.
REFERENCE DATA
Item
Symbol
AQW212(A)
AQW215(A)
AQW217(A)
AQW210(A)
AQW214(A)
AQW216(A)
Condition
Input
LED operate
current
Typical
IFon
0.9 mA
IL = Max.
Maximum
3 mA
LED turn off
current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.79 mA
LED dropout
voltage
Typical
VF
1.25 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
0.83
2.3
11
23
30
70
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
2.5
4.0
15
35
50
120
Off state leakage
current
Maximum
ILeak
1
µA
IF = 0 mA
VL = Max.
Transfer
characteristics
Turn on time*
Typical
Ton
0.65 ms
0.60 ms
0.25 ms
0.25 ms
0.31 ms
0.28 ms
IF = 5 mA
IL = Max.
Maximum
2 ms
2 ms
1.0 ms
0.5 ms
0.5 ms
0.5 ms
Turn off time*
Typical
Toff
0.08 ms
0.06 ms
0.05 ms
0.05 ms
0.05 ms
0.04 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0 V
Maximum
1.5 pF
Initial I/C isolation
resistance
Minimum
Riso
1,000 M
500 V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
5mA
Ton
Input
Output
10%
90%
Toff
1. Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2.-(1) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
2.-(2) On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
200
300
600
500
400
020
40
60
8085 100
–40 –20
100
Ambient temperature,
°C
AQW212
AQW215
AQW217
AQW210
AQW216
AQW214
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQW212
AQW215
Ambient temperature,
°C
0
20
40
60
80
–40
120
0
–20
20
40
60
8085
AQW216
100
AQW210
AQW217
AQW214
Ambient temperature,
°C


Similar Part No. - AQW214AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW214A NAIS-AQW214A Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW214AZ NAIS-AQW214AZ Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
More results

Similar Description - AQW214AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
   Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQV21 PANASONIC-AQV21 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
logo
Xilinx, Inc
XCR3032 XILINX-XCR3032 Datasheet
213Kb / 14P
   High speed pin-to-pin delays of 8ns
XCR3128A XILINX-XCR3128A Datasheet
251Kb / 17P
   High-speed pin-to-pin delays of 7.5 ns
XCR5128 XILINX-XCR5128 Datasheet
139Kb / 20P
   High speed pin-to-pin delays of 7.5 ns
logo
Panasonic Semiconductor
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
   Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
logo
Xilinx, Inc
XCR5128C XILINX-XCR5128C Datasheet
281Kb / 19P
   High speed pin-to-pin delays of 7.5 ns
DS109 XILINX-DS109 Datasheet
65Kb / 3P
   High-speed pin-to-pin delays of 10 ns
DS119 XILINX-DS119 Datasheet
103Kb / 7P
   High-speed pin-to-pin delays of 10 ns
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com