Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3447MTR1PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3447MTR1PBF
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3447MTR1PBF Datasheet(HTML) 5 Page - International Rectifier

  IR3447MTR1PBF Datasheet HTML 1Page - International Rectifier IR3447MTR1PBF Datasheet HTML 2Page - International Rectifier IR3447MTR1PBF Datasheet HTML 3Page - International Rectifier IR3447MTR1PBF Datasheet HTML 4Page - International Rectifier IR3447MTR1PBF Datasheet HTML 5Page - International Rectifier IR3447MTR1PBF Datasheet HTML 6Page - International Rectifier IR3447MTR1PBF Datasheet HTML 7Page - International Rectifier IR3447MTR1PBF Datasheet HTML 8Page - International Rectifier IR3447MTR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
IR3447
5
www.irf.com
© 2013 International Rectifier
July 17, 2013
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PVin
-0.3V to 25V
Vin
-0.3V to 25V
VCC
-0.3V to 8V (Note 1)
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
BOOT
-0.3V to 33V
BOOT to SW
-0.3V to VCC + 0.3V (Note 2)
Input/Output pins
-0.3V to 3.9V
RS+, RS-, RSo, PGD, Enable, OCset
-0.3V to 8V (Note 1)
PGND to LGND, RS- to LGND
-0.3V to + 0.3V
Junction Temperature Range
-40°C to 150°C
Storage Temperature Range
-55°C to 150°C
ESD
Machine Model
Class A
Human Body Model
Class 1C
Charged Device Model
Class III
Moisture Sensitivity level
JEDEC Level 3 @ 260°C
RoHS Compliant
Yes
Note:
1. VCC must not exceed 7.5V for Junction Temperature between -10°C and -40°C.
2. Must not exceed 8V.
THERMAL INFORMATION
Thermal Resistance, Junction to Case Top (θJC_TOP)
31.5°C/W
Thermal Resistance, Junction to PCB (θJB)
2.41°C/W
Thermal Resistance, Junction to Ambient (θJA) (Note 3)
14.7°C/W
Note:
3. Thermal resistance (θJA) is measured with components mounted on a high effective thermal conductivity
test board.


Similar Part No. - IR3447MTR1PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3447MTRPBF INFINEON-IR3447MTRPBF Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results

Similar Description - IR3447MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com