Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3447 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3447
Description  25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3447 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3447 Datasheet HTML 13Page - International Rectifier IR3447 Datasheet HTML 14Page - International Rectifier IR3447 Datasheet HTML 15Page - International Rectifier IR3447 Datasheet HTML 16Page - International Rectifier IR3447 Datasheet HTML 17Page - International Rectifier IR3447 Datasheet HTML 18Page - International Rectifier IR3447 Datasheet HTML 19Page - International Rectifier IR3447 Datasheet HTML 20Page - International Rectifier IR3447 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
IR3447
17
www.irf.com
© 2013 International Rectifier
July 17, 2013
TYPICAL OPERATING CHARACTERISTICS (-40°C TO +125°C)
OCset=VCC
OCset=Float
OCset=GND
OCset=VCC
OCset=Float
OCset=GND
OCset=VCC
OCset=Float
OCset=GND


Similar Part No. - IR3447

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3447 INFINEON-IR3447 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3447AMTRPBF INFINEON-IR3447AMTRPBF Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3447AMTRPBFAUMA2 INFINEON-IR3447AMTRPBFAUMA2 Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
logo
International Rectifier
IR3447M IRF-IR3447M Datasheet
1Mb / 51P
   Single 5V to 21V application
More results

Similar Description - IR3447

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com