Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1169SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR1169SPBF
Description  ADVANCED SMARTRECTIFIER CONTROL IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1169SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR1169SPBF Datasheet HTML 7Page - International Rectifier IR1169SPBF Datasheet HTML 8Page - International Rectifier IR1169SPBF Datasheet HTML 9Page - International Rectifier IR1169SPBF Datasheet HTML 10Page - International Rectifier IR1169SPBF Datasheet HTML 11Page - International Rectifier IR1169SPBF Datasheet HTML 12Page - International Rectifier IR1169SPBF Datasheet HTML 13Page - International Rectifier IR1169SPBF Datasheet HTML 14Page - International Rectifier IR1169SPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
IR1169S
11
www.irf.com
© 2012 International Rectifier
December 12, 2012
Detailed Pin Description
VCC: Power Supply
This is the supply voltage pin of the IC and it is monitored by the under voltage lockout circuit. It is possible to turn
off the IC by pulling this pin below the minimum turn off threshold voltage, without damage to the IC.
To prevent noise problems, a bypass ceramic capacitor connected to Vcc and COM should be placed as close as
possible to the IR1169. This pin is internally clamped.
SYNC: Direct Turn-off and Reset
SYNC is used to directly turn-off the SR MOSFET by an external signal. The gate output of IR1169 is low when
SYNC voltage is higher than VSYHI threshold. The propagation delay from SYNC goes high to gate turns off is
55ns. The turn-off of SYNC is a direct control and it ignores the MOT time (override).
The SYNC pin will reset MOT and Blanking time when SYNC switches from low to high. It will reset MOT timer
and Blanking timer only at the rising edge of signal. This function is useful for very low output voltage condition
(such as overload or short circuit) where the VD voltage is too low to reach Vth3 threshold to reset the timers.
SYNC pin also can be used to control the turn-on time of SR MOSFET (adding additional delay time at turn-on for
noise immunity).
If not used, SYNC pin should be connected to GND.
MOT: Minimum On Time
The MOT programming pin controls the amount of minimum on time. When VSYNC is low and VTH2 is crossed, the
gate signal will become active and turn on the power FET. Spurious ringings and oscillations can trigger the input
comparator off. The MOT blanks the input comparator keeping the FET on for a minimum time.
The MOT is programmed between 200ns and 3us (typ.) by using a resistor referenced to COM.
EN: Enable
This pin is used to activate the IC “sleep” mode by pulling the voltage level below 1.6V (typ). In sleep mode the IC
will consume a minimum amount of current. All switching functions will be disabled and the gate will be inactive.
VD: Drain Voltage Sense
VD is the voltage sense pin for the power MOSFET Drain. This is a high voltage pin and particular care must be
taken in properly routing the connection to the power MOSFET drain.
VS: Source Voltage Sense
VS is the differential sense pin for the power MOSFET Source. This pin should be connected directly to the power
ground pin (7) but must be used to create a kelvin contact as close as possible to the power MOSFET source pin.
GND: Ground
This is ground potential pin of the integrated control circuit. The internal devices and gate driver are referenced to
this point.
VGATE: Gate Drive Output
This is the gate drive output of the IC. Drive voltage is internally limited and provides 1A peak source and 4A peak
sink capability. Although this pin can be directly connected to the power MOSFET gate, the use of minimal gate
resistor is recommended, especially when putting multiple FETs in parallel.
Care must be taken in order to keep the gate loop as short and as small as possible in order to achieve optimal
switching performance.


Similar Part No. - IR1169SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1169S IRF-IR1169S Datasheet
681Kb / 28P
   Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
   Secondary side high speed SR controller
More results

Similar Description - IR1169SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
   SMARTRECTIFIER CONTROL IC
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
   SmartRectifier CONTROL IC Secondary side high speed SR controller
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
   Advanced Power Control IC
logo
International Rectifier
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
   DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
logo
Infineon Technologies A...
IR1161LPBF INFINEON-IR1161LPBF_16 Datasheet
416Kb / 26P
   SmartRectifier
2016-07-01
logo
International Rectifier
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
logo
Fairchild Semiconductor
KA7543 FAIRCHILD-KA7543 Datasheet
131Kb / 16P
   Advanced Feedback Dimming Ballast Control IC
logo
International Rectifier
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com