Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1827TRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IP1827TRPBF
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827TRPBF Datasheet(HTML) 3 Page - International Rectifier

  IP1827TRPBF Datasheet HTML 1Page - International Rectifier IP1827TRPBF Datasheet HTML 2Page - International Rectifier IP1827TRPBF Datasheet HTML 3Page - International Rectifier IP1827TRPBF Datasheet HTML 4Page - International Rectifier IP1827TRPBF Datasheet HTML 5Page - International Rectifier IP1827TRPBF Datasheet HTML 6Page - International Rectifier IP1827TRPBF Datasheet HTML 7Page - International Rectifier IP1827TRPBF Datasheet HTML 8Page - International Rectifier IP1827TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
3
97599
FUNCTIONAL BLOCK DIAGRAM 
Clock
&
OScillator
S
R
Q
Thermal
Shutdown
UVPVCC
UVEN
OCP
PGnd
PGD
LGnd
Fb
Comp
Rt
PVCC
Clock
Ramp
E/A
0.51V
LDRi
Fault
Clock
VCC
PVCC
En
DRIVER
Vin
SW
0.69V
SS
Charge Pump
Vosp
Vosm
Vref
POR
Voso
OCSet
Digital Pulse
Generation
LDRiss
x4CLK
S
R
Q
HDRi
Pre-Bias
POR
Fault
SD
UVCC
EN_CP
BB
control
Clock
Voso
OVP
OVP
POWER GOOD
&
OVER VOLTAGE
Fault
BBRAKING
20uA
0.1V
Fault
R
S
Q
200mV
SD
HDRi
1V
Clock
OCP
POR
SW
SW
OVER
CURRENT
LDO
IntVcc
BiasGND
 
Figure 4: iP1827 Simplified Block Diagram 
 
 
 
 
 


Similar Part No. - IP1827TRPBF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP18 BEL-IP18 Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
International Rectifier
IP1837 IRF-IP1837 Datasheet
1Mb / 40P
   Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
IP1837TRPBF IRF-IP1837TRPBF Datasheet
1Mb / 40P
   Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1842A SEME-LAB-IP1842A Datasheet
57Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP1827TRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com