Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHL8505CRT Datasheet(PDF) 6 Page - International Rectifier

Part # CHL8505CRT
Description  High.Efficiency 5V MOSFET Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CHL8505CRT Datasheet(HTML) 6 Page - International Rectifier

Back Button CHL8505CRT Datasheet HTML 2Page - International Rectifier CHL8505CRT Datasheet HTML 3Page - International Rectifier CHL8505CRT Datasheet HTML 4Page - International Rectifier CHL8505CRT Datasheet HTML 5Page - International Rectifier CHL8505CRT Datasheet HTML 6Page - International Rectifier CHL8505CRT Datasheet HTML 7Page - International Rectifier CHL8505CRT Datasheet HTML 8Page - International Rectifier CHL8505CRT Datasheet HTML 9Page - International Rectifier CHL8505CRT Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
 
 
High‐Efficiency 5V MOSFET Gate Driver 
CHL8505 
December 6, 2011  |  FINAL |  V1.05
6
ABSOLUTE MAXIMUM RATINGS 
 
VCC, VDRV 
‐0.3V  to  +7.0V 
PWM, OTSET, OT# ‐0.3V  to  +7.0V 
BOOT‐GND, BOOT‐SWITCH 
‐0.3V  to  +35.0V, ‐0.3V  TO  +7V 
LO_GATE ‐0.3V  to  VDRV + 0.3V, <200ns: ‐5V  to  VDRV + 0.3V 
HI_GATE 
SWITCH – 0.3V  to  VBOOT + 0.3V, <20ns: SWITCH –5V  to  VBOOT + 0.3V 
SWITCH ‐0.3V  to  +35.0V, <200ns, ‐8V 
ESD 
HBM 250V JEDEC Standard 
Thermal Information 
 
Thermal Resistance (θJC
3°C/W 
Thermal Resistance (θJA)
1 
45°C/W 
Maximum Operating Junction Temperature 
150°C 
Maximum Storage Temperature Range ‐65°C  to  150°C 
Maximum Lead Temperature (Soldering 10s)  
300°C 
Note: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied. 


Similar Part No. - CHL8505CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8510 IRF-CHL8510 Datasheet
689Kb / 15P
   12V High Performance Gate Driver
CHL8510CRT IRF-CHL8510CRT Datasheet
689Kb / 15P
   12V High Performance Gate Driver
CHL8515 IRF-CHL8515 Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
CHL8515 IRF-CHL8515 Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
CHL8515CRT IRF-CHL8515CRT Datasheet
453Kb / 16P
   High?륟fficiency Variable Gate MOSFET Driver
More results

Similar Description - CHL8505CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8550 IRF-CHL8550 Datasheet
365Kb / 15P
   High.Efficiency Variable Gate MOSFET Driver
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Monolithic Power System...
MP6528 MPS-MP6528 Datasheet
1Mb / 17P
   5V to 60V, H-Bridge Gate Driver
logo
International Rectifier
PVI5013R IRF-PVI5013R Datasheet
143Kb / 4P
   PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
logo
Texas Instruments
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
   N-Channel MOSFET Gate Driver
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
International Rectifier
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
   Opto Isolated MOSFET Gate Driver
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
   3-Phase MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com