Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHL8213-00CRT Datasheet(PDF) 1 Page - International Rectifier

Part # CHL8213-00CRT
Description  Digital Multi-Phase Buck Controller Easiest layout and fewest pins in the industry
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CHL8213-00CRT Datasheet(HTML) 1 Page - International Rectifier

  CHL8213-00CRT Datasheet HTML 1Page - International Rectifier CHL8213-00CRT Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Multi-Phase Buck Controller
CHL8203/12/13/14
October 13, 2011 | FINAL | V1.3
1
FEATURES
 Dual output 2/3/4+1-phase PWM Controller
(CHL8212/13/14) and single output 3-phase PWM
Controller (CHL8203)
 Easiest layout and fewest pins in the industry
 Footprint compatible with CHL8225 (CHL8213/14)
for analog and power signals
 Up to 3 VID select lines for dynamic voltage
transitions
 Slow OCP for Thermal Design Current (TDC)
protection
 Programmable I
CRITICAL signal
 I2C interface for configuration & telemetry
 Pin programmable I2C address (CHL8203/13/14)
 Overclocking support with I2C voltage override and
Vmax setting
 Flexible I2C bus security features
 I2C security enable pin (CHL8203/13/14)
 Independent loop switching frequencies from 200kHz
to 1.2MHz per phase
 IR Efficiency Shaping with Dynamic Phase Control
(DPC)
 1-phase & Active Diode Emulation modes for light
load efficiency
 IR Adaptive Transient Algorithm (ATA) on both loops
minimizes output bulk capacitors and system cost
 Per-Loop Fault Protection: OVP, UVP, OCP
 Thermal Protection (OTP) and VRHOT# flag
(CHL8203/13/14)
 Multiple time programmable (MTP) memory for
custom configuration
 Compatible with IR ATL and 3.3V tri-state Drivers
 3.3V +10%/-15% supply voltage; 0ºC to 85ºC
operation
 Pb-Free, RoHS, QFN packages
APPLICATIONS
 Multi-phase GPU Systems
 GDDR Memory
DESCRIPTION
The CHL8212/13/14 are dual-loop digital multi-phase
buck controllers and the CHL8203 is a single-loop digital
multiphase buck controller designed for GPU voltage
regulation. Dynamic voltage control is provided by
registers which are programmed through I2C and then
selected using a 3-bit parallel bus for fast access.
The CHL8203/12/13/14 include IR Efficiency Shaping
Technology to deliver exceptional efficiency at minimum
cost across the entire load range. IR Dynamic Phase
Control adds/drops active phases based upon load current
and can be configured to enter 1-phase operation and
diode emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA), based on
proprietary non-linear digital PWM algorithms, minimizes
output bulk capacitors and Multiple Time Programmable
(MTP) storage saves pins and enables a small package size.
Device configuration and fault parameters are easily
defined using the IR Digital Power Design Center (DPDC)
GUI and stored in on-chip MTP.
The CHL8203/12/13/14 provides extensive OVP, UVP, OCP
and OTP fault protection and the CHL8203/13/14 includes
thermistor based temperature sensing with VRHOT signal.
The CHL8203/12/13/14 includes numerous features like
register diagnostics for fast design cycles and platform
differentiation, truly simplifying VRD design and enabling
fastest time-to-market (TTM) with “set-and-forget”
methodology.
PIN DIAGRAM
PWM_L2
VRTN
RCSM
VSEN
PWM4
1/
NC
2
RCSP
TSEN
PWM3
V18A
RRES
VCC
PWM2
PWM1
RCSM_L2
RCSP_L2
VPGM
VRTN_L2
VSEN_L2
1
2
7
8
5
6
3
4
10
9
30
29
24
23
26
25
28
27
21
22
41 GND
CHL8213/14
40 Pin 6x6 QFN
Top View
12
16
14
19
13
17
15
20
18
11
39
35
37
32
38
34
36
31
33
40
1 CHL8214
2 CHL8213
VRRDY1
VRRDY2
Figure 1: CHL8213/14 Package Top View


Similar Part No. - CHL8213-00CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8203 IRF-CHL8203 Datasheet
329Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8203 IRF-CHL8203_15 Datasheet
329Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8225 IRF-CHL8225 Datasheet
112Kb / 2P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225G IRF-CHL8225G Datasheet
346Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8225G IRF-CHL8225G Datasheet
346Kb / 3P
   Digital Multi-Phase Buck Controller
More results

Similar Description - CHL8213-00CRT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8102 IRF-CHL8102_15 Datasheet
303Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8318 IRF-CHL8318_15 Datasheet
194Kb / 4P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8318-20 IRF-CHL8318-20_15 Datasheet
286Kb / 2P
   Digital Multi-Phase Buck Controller
IR3536AMTRPBF IRF-IR3536AMTRPBF Datasheet
496Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8112 IRF-CHL8112_15 Datasheet
102Kb / 2P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8225 IRF-CHL8225_15 Datasheet
112Kb / 2P
   DIGITAL MULTI-PHASE BUCK CONTROLLER
CHL8203 IRF-CHL8203_15 Datasheet
329Kb / 2P
   Digital Multi-Phase Buck Controller
CHL8316 IRF-CHL8316_15 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller
IR3541A IRF-IR3541A_15 Datasheet
381Kb / 3P
   Digital Multi-Phase Buck Controller
CHL8228G-00CRT IRF-CHL8228G-00CRT Datasheet
346Kb / 3P
   Digital Multi-Phase Buck Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com