Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS64 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS64
Description  Wideband Transmit-Receive Digital Signal Processors
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS64 Datasheet(HTML) 5 Page - Texas Instruments

  ADS64 Datasheet HTML 1Page - Texas Instruments ADS64 Datasheet HTML 2Page - Texas Instruments ADS64 Datasheet HTML 3Page - Texas Instruments ADS64 Datasheet HTML 4Page - Texas Instruments ADS64 Datasheet HTML 5Page - Texas Instruments ADS64 Datasheet HTML 6Page - Texas Instruments ADS64 Datasheet HTML 7Page - Texas Instruments ADS64 Datasheet HTML 8Page - Texas Instruments ADS64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
C6748
DSP
GC533x
DUC-CFR
DPD
DDC
DAC
DAC
I/QMod
I/QMod
I/QMod
I/QMod
PA
PA
PA
PA
SW
Baseband
Data
DAC3484
ADS61B49
TRF3703/3720
Complex
TX
Subsampled
Feedback
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
LNA
LNA
LNA
LNA
ADS62P49
ADS62P49
RX
FB
I/Q
I/Q
RX
RX
RX
Real
RX
Real
RX
B0441-01
ADC
ADC
ADC
ADC
ADC
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Figure 5. Four-Antenna-Mode Subsampled Real-Feedback Example Diagram
GENERAL DESCRIPTION
The GC533x is a wideband transmit and receive signal processor that includes digital downconverter/upconverter
(DDUC), transmit, receive, and capture buffer blocks. The transmit path includes crest factor reduction (CFR),
digital predistortion (DPD) and associated feedback path, complex equalization, and bulk upconversion. The
receive path includes wideband and narrowband automatic gain control (AGC), bulk downconversion, complex
equalization, and I/Q imbalance correction. The GC5337 is a higher-speed version of the GC5330 that has the
same package, but with interfaces that can provide more processing performance for higher-bandwidth
applications. In the descriptions, the GC5337 differences are shown with { } values.
The architecture supports different RX, TX, and feedback modes of operation. This provides for many
configurations to optimize performance and cost.
RX
– real or complex input
TX
– real, complex, complex with envelope tracking
Feedback
– subsampled real, full-rate real, full-rate complex
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): GC5330 GC5337


Similar Part No. - ADS64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6422 STMICROELECTRONICS-ADS6422 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6422 TI-ADS6422 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6422IRGC25 TI-ADS6422IRGC25 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6422IRGCR TI-ADS6422IRGCR Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6422IRGCRG4 TI-ADS6422IRGCRG4 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
More results

Similar Description - ADS64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com