Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5573 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5573
Description  This document contains the following chapters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5573 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5573 Datasheet HTML 6Page - Texas Instruments DAC5573 Datasheet HTML 7Page - Texas Instruments DAC5573 Datasheet HTML 8Page - Texas Instruments DAC5573 Datasheet HTML 9Page - Texas Instruments DAC5573 Datasheet HTML 10Page - Texas Instruments DAC5573 Datasheet HTML 11Page - Texas Instruments DAC5573 Datasheet HTML 12Page - Texas Instruments DAC5573 Datasheet HTML 13Page - Texas Instruments DAC5573 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Features
1-2
1.1
Features
This EVM features the DAC7573, DAC6573 and DAC5573 family of
digital - to - analog converters. In this user’s guide, the EVM is referred to as the
DACx573 EVM to cover all supported DAC parts. The DACx573 EVM provides
a quick and easy way to evaluate the functionality and performance of these
12 - bit, 10- bit, and 8- bit resolution, quad - channel, and serial I2C-input DACs.
The following table shows the three DAC types this EVM supports. The EVM
also provides an I2C serial interface to communicate with any host
microprocessor- or TI DSP-based system.
Table 1 - 1. Featured DAC Selections
EVM Version
Installed Device (DUT)
DAC Channels
Resolution
DAC7573 EVM
DAC7573IPW
4
12-Bit
DAC6573 EVM
DAC6573IPW
4
10-Bit
DAC5573 EVM
DAC5573IPW
4
8-Bit
1.2
Power Requirements
This section describes the power requirements of this EVM.
1.2.1
Supply Voltage
The power supply requirement for the digital section (VDD) of this EVM is
typically 5 V, connected via J5-1 or J6-10 when used with another EVM or
interface card. It is referenced to ground through the J5-2 and J6 - 5 terminals.
The power supply requirements for the analog section of this EVM are as
follows:
VCC and VSS range from 15.75 V to -15.75 V maximum, and connects
through J1-3 and J1-1 respectively, or through the J6-1 and J6-2 termi-
nals.
The 5-VA supply connects through J5-3 or J6-3 and the 3.3-VA supply con-
nects through J6-8.
All analog power supplies are referenced to analog ground through the
J1-2 and J6-6 terminals.
The analog power supply for the device under test (DUT), U1, can be supplied
by either 5 VA or 3.3 VA via jumper W1. This allows the DACx573 analog
section to operate from either supply while the I/O and digital section is
powered by 5 V, VDD.
The VCC supply is mainly used as the positive rail of the external output
operational amplifier (op amp), U2, the reference chip, U3, and the reference
buffer, U8. The negative rail of the output op amp, U2, can be selected between
VSS and AGND via jumper W5. The external op amp is installed as an option
to provide output signal conditioning, to boost capacitive load drive (via W15),
and for other output-mode requirements.


Similar Part No. - DAC5573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI1-DAC5573 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573IPW TI-DAC5573IPW Datasheet
499Kb / 30P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573IPW TI1-DAC5573IPW Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573IPWG4 TI1-DAC5573IPWG4 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TSI721 IDT-TSI721 Datasheet
423Kb / 68P
   This document uses the following conventions
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
Freescale Semiconductor...
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
   The following revision history table summarizes changes contained in this document.
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
   This document contains a list of frequently
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com