Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS48VP1UP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PTVS48VP1UP
Description  600 W Transient Voltage Suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTVS48VP1UP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PTVS48VP1UP Datasheet HTML 4Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 5Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 6Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 7Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 8Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 9Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 10Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 11Page - NXP Semiconductors PTVS48VP1UP Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PTVSXP1UP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 January 2011
11 of 12
NXP Semiconductors
PTVSxP1UP series
600 W Transient Voltage Suppressor
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com


Similar Part No. - PTVS48VP1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS48VP1UP NEXPERIA-PTVS48VP1UP Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVS48VP1UP-Q NEXPERIA-PTVS48VP1UP-Q Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
More results

Similar Description - PTVS48VP1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com