Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP16DTA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FEP16DTA
Description  16.0 Ampere Fast Efficient Plastic Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FEP16DTA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FEP16DTA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FEP16DTA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
FEP16AT
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
50
100
200
140
200
400
35
70
280
50
100
400
600
420
600
16.0
10.0
175
1.3
1.7
0.98
35
250
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
o
CW
nS
300
210
300
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
and High current capability
Case: Molded plastic TO-220AB Heatsink
High surge current capability
Weight: 2.03 grams
Polarity:As marked on body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
150
TO-220AB
Unit : inch (mm)
"TA"
Common Cathode Suffix "T"
Common Anode Suffix
"TD"
Anode and Cathode Coexistence Suffix
®
FEP16A thru FEP16J
Pb Free Plating Product
FEP16A thru FEP16J
16.0 Ampere Fast Efficient Plastic Half Bridge Rectifiers
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Automotive Environment|DC Motor Control
Plating Power Supply|UPS|Inverter
Car Amplifier and Sound Device System etc..
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Pb
Positive CT
Negative CT
Doubler
Common Cathode
Case
Case
Case
Common Anode
Series Connection
Suffix "T"
Suffix "TA"
Suffix "TD"
Glass passivated chip junction
FEP16ATA
FEP16ATD
FEP16BT
FEP16BTA
FEP16BTD
FEP16DT
FEP16DTA
FEP16DTD
FEP16FT
FEP16FTA
FEP16FTD
FEP16GT
FEP16GTA
FEP16GTD
FEP16JT
FEP16JTA
FEP16JTD


Similar Part No. - FEP16DTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16DTA FAIRCHILD-FEP16DTA Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
FEP16DTA FAIRCHILD-FEP16DTA Datasheet
68Kb / 3P
   Fast Rectifiers (Glass Passivated)
logo
Thinki Semiconductor Co...
FEP16DTA THINKISEMI-FEP16DTA Datasheet
369Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - FEP16DTA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FEN16DT THINKISEMI-FEN16DT Datasheet
232Kb / 2P
   16.0 Ampere Dual Fast Efficient Negative Polarity Half Bridge Rectifiers
FED16DT THINKISEMI-FED16DT Datasheet
232Kb / 2P
   16.0 Ampere Dual Fast Efficient Doublers Polarity Half Bridge Rectifiers
FEP16DT THINKISEMI-FEP16DT Datasheet
232Kb / 2P
   16.0 Ampere Dual Fast Efficient Positive Polarity Half Bridge Rectifiers
FRF1620A THINKISEMI-FRF1620A Datasheet
373Kb / 2P
   16.0 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FRF1620C THINKISEMI-FRF1620C Datasheet
377Kb / 2P
   16.0 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FRF1620D THINKISEMI-FRF1620D Datasheet
373Kb / 2P
   16.0 Ampere Insulated Dual Doubler Polarity Fast Recovery Half Bridge Rectifiers
MURF1620DR THINKISEMI-MURF1620DR Datasheet
269Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
MUR1620DR THINKISEMI-MUR1620DR Datasheet
276Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
ESAD25M-02D THINKISEMI-ESAD25M-02D Datasheet
256Kb / 2P
   16 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
ESAD25M-02S THINKISEMI-ESAD25M-02S Datasheet
256Kb / 2P
   16 Ampere Insulated Series Connection Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com