Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB017D0472 Datasheet(PDF) 6 Page - AVX Corporation

Part # CB017D0472
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0472 Datasheet(HTML) 6 Page - AVX Corporation

Back Button CB017D0472 Datasheet HTML 2Page - AVX Corporation CB017D0472 Datasheet HTML 3Page - AVX Corporation CB017D0472 Datasheet HTML 4Page - AVX Corporation CB017D0472 Datasheet HTML 5Page - AVX Corporation CB017D0472 Datasheet HTML 6Page - AVX Corporation CB017D0472 Datasheet HTML 7Page - AVX Corporation CB017D0472 Datasheet HTML 8Page - AVX Corporation CB017D0472 Datasheet HTML 9Page - AVX Corporation CB017D0472 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
25
VOLTAGE Vdc: 63V Vac: 40V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.120
CB037D0124+ --
4.70
3.20
2.30
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.091)
(0.024)
(0.472)
(0.315)
(0.102)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.30
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.091)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.150
CB037D0154+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.180
CB037D0184+ --
4.70
3.20
2.40
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.095)
(0.024)
(0.472)
(0.315)
(0.102)
( 7.087)
(0.488)
(0.724)
4.70
3.20
2.40
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.095)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.220
CB037D0224+ --
4.70
3.20
3.00
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.118)
(0.024)
(0.472)
(0.315)
(0.122)
( 7.087)
(0.488)
(0.724)
4.70
3.20
3.00
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.118)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.330
CB047D0334+ --
5.80
5.00
4.00
0.80
16.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.031)
(0.629)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.470
CB047D0474+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.031)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.560
CB047D0564+ --
5.80
5.00
2.50
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.099)
(0.031)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.680
CB047D0684+ --
5.80
5.00
3.90
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.154)
(0.031)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.82*
CB057D0824+ --
7.30
6.10
4.40
0.80
16.0
12.0
5.23
330
16.4
22.4
1000
1100
BC
(0.287)
(0.240)
(0.173)
(0.031)
(0.629)
(0.472)
(0.206)
(12.99)
(0.645)
(0.881)
1μF*
CB057D0105+ --
7.30
6.10
4.70
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.287)
(0.240)
(0.185)
(0.031)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
1.5*
CB057D0155+ --
7.30
6.10
4.70
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.287)
(0.240)
(0.185)
(0.031)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
2.2
CB167D0225+ --
10.5
7.60
6.10
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.240)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
2.7
CB177D0275+ --
12.8
10.2
6.70
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.264)
(0.032)
(0.944)
(0.629)
(0.274)
(12.99)
(0.961)
(1.196)
3.3
CB187D0335+ --
15.3
13.7
5.30
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.209)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
4.7
CB187D0475+ --
15.3
13.7
7.20
0.80
24.0
24.0
7.60
330
24.4
30.4
300
300
BC
(0.601)
(0.539)
(0.283)
(0.032)
(0.944)
(0.944)
(0.299)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 100V Vac: 63V
0.001μF
CB017E0102+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0012
CB017E0122+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0015
CB017E0152+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0018
CB017E0182+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
W
L
H
T
For other Values: upon request
*Special length: 7.3 +0.7/-0.3 (0.287 +0.026/-0.012)
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


Similar Part No. - CB017D0472

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017D0472 AVX-CB017D0472 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Similar Description - CB017D0472

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com