Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWH-10A14F Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # FWH-10A14F
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-10A14F Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  FWH-10A14F Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 2Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 3Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 4Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 5Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 6Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 7Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 8Page - Cooper Bussmann, Inc. FWH-10A14F Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
200
High Speed Fuses
Ferrule — FWX 250V (UL): 1-50A
Prospective Current In Amps RMS
Prospective Current In Amps RMS
Peak Let-Through Curve
FWX 1-30A: 250V (14 x 51mm)
Time-Current Curve
Data Sheet: 35785302


Similar Part No. - FWH-10A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-10A14F COOPER-FWH-10A14F Datasheet
40Kb / 2P
   1-30A, 500 Volts
More results

Similar Description - FWH-10A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com