Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC2K5G4 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC2K5G4
Description  20-Bit, Low-Power Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC2K5G4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC2K5G4 Datasheet HTML 7Page - Texas Instruments DAC2K5G4 Datasheet HTML 8Page - Texas Instruments DAC2K5G4 Datasheet HTML 9Page - Texas Instruments DAC2K5G4 Datasheet HTML 10Page - Texas Instruments DAC2K5G4 Datasheet HTML 11Page - Texas Instruments DAC2K5G4 Datasheet HTML 12Page - Texas Instruments DAC2K5G4 Datasheet HTML 13Page - Texas Instruments DAC2K5G4 Datasheet HTML 14Page - Texas Instruments DAC2K5G4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
t
16
t
18
t
19
t
17
t
17
SCLK
Reset On
Falling Edge
DAC1220
www.ti.com...................................................................................................................................... SBAS082G – FEBRUARY 1998 – REVISED SEPTEMBER 2009
The chip-select pin CS is active low. When CS is
SCLK Reset Pattern
high, activity on SCLK is ignored. There are certain
The DAC1220 does not have a dedicated reset pin.
timing
limits
and
delays
which
apply
to
the
Instead, it contains a circuit which waits for a special
manipulation of CS, as shown in Figure 10. These
pattern to appear on SCLK, and triggers the internal
must be observed, or the DAC1220 may malfunction.
hardware reset line when it detects the special
If CS is not used, it should be tied low. When CS is
pattern.
tied low, different timing limits and delays must be
This pattern, called the SCLK reset pattern, is shown
observed, as shown in Figure 9. If these are violated,
in Figure 12, with timing information given in Table 5.
the DAC1220 may malfunction.
The pattern is very different from the usual clocking
The serial interface is byte-oriented. All data is
patterns which appear on SCLK, and is unlikely to be
transferred in groups of eight bits.
detected by accident during normal operation.
The SCLK reset pattern can only be triggered when
I/O Recovery
CS is low. When CS is high, the SCLK line is ignored,
and the SCLK reset pattern is not detected.
The DAC1220 has a timeout on the serial interface. If
fCLK is 2.5MHz, the timeout is approximately 100ms.
At 2.5MHz, if a command is interrupted, and no
activity occurs on the SCLK or CS lines for 100ms,
the DAC1220 will cancel the command. If the
command was a write command, no registers are
affected.
The timeout period scales with the frequency of fCLK.
Figure 12. Resetting the DAC1220
Table 5. Reset Timing Characteristics
SYMBOL
DESCRIPTION
MIN
NOM
MAX
UNITS
t16
First high period
512 × tXIN
800 × tXIN
ns
t17
Low period
10 × tXIN
ns
t18
Second high period
1024 × tXIN
1800 × tXIN
ns
t19
Third high period
2048 × tXIN
2400 × tXIN
ns
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC1220


Similar Part No. - DAC2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2KY BURR-BROWN-DAC2KY Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com