Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3843FS Datasheet(PDF) 1 Page - Rohm

Part # BD3843FS
Description  6ch / 9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3843FS Datasheet(HTML) 1 Page - Rohm

  BD3843FS Datasheet HTML 1Page - Rohm BD3843FS Datasheet HTML 2Page - Rohm BD3843FS Datasheet HTML 3Page - Rohm BD3843FS Datasheet HTML 4Page - Rohm BD3843FS Datasheet HTML 5Page - Rohm BD3843FS Datasheet HTML 6Page - Rohm BD3843FS Datasheet HTML 7Page - Rohm BD3843FS Datasheet HTML 8Page - Rohm BD3843FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for Home Theater Systems
6ch / 9ch Stereo
Input Selectors
BD3843FS,BD3841FS
●Description
BD3843FS is a function switch IC with two 6ch (9ch for BD3841FS) inputs. It can independently control outputs of 2 systems:
2ch REC output (3ch for BD3841FS) and 1ch line output.
Therefore, it is can be used for 2nd room entertainment and 2nd
source recording. BD3843FS has excellent cross-talk characteristics between channels and selectors. Low distortion, and
low noise are realized by a basic pattern layout.
●Features
1) 2 room entertainment / 2 source recording.
2) 6ch volume LSI BD3813KS/BD3815KS can be controlled simultaneously by the serial control bus.
3) 7ch volume LSI BD3816K1, BD3817KS with BD3843FS can be controlled simultaneously by the serial control bus.
4) 14ch input is available by combining 2chips (BD3843FS and BD3841FS).
5) Excellent cross-talk characteristics between channels by basic pattern layout.
6) Built-in buffer amplifier.
7) 2-line serial control bus (for both 3.3V and 5V).
8) Operated by single and dual power sources.
●Applications
AV receivers, home theater systems, mini-audio systems, and TVs.
●Product lineup
Parameter
BD3843FS
BD3841FS
Input selector
6
9
REC output
2
3
Package
SSOP-A24
SSOP-A32
●Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VCC
7.5 *1
V
VEE
-7.5
Input signal voltage
VIN
VCC+0.3~VEE-0.3
V
Power Dissipation
Pd
800 (BD3843FS)
950 (BD3841FS)
*2
mW
Operating temperature
Topr
-20~+75
Storage temperature
Tastg
-55~+125
*1
Even in the specified range of Power Supply Voltage, applying voltage only to the VCC side may cause
an excessive
current may cause permanent damage to the IC.
When starting up power supplies, VEE and VCC should be powered on simultaneously, or VEE first followed by VCC.
*2
Reduced by 8 mW/℃ over 25℃ (BD3843FS), when installed on the standard board (size: 70 x 70 x 1.6mm).
Reduced by 7.7 mW/℃ over 25℃ (BD3841FS), when installed on the standard board (size: 70 x 70 x 1.6mm).
No.10081EAT07


Similar Part No. - BD3843FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS ROHM-BD3843FS Datasheet
252Kb / 6P
   6ch Function Switch
BD3843FS-E2 ROHM-BD3843FS-E2 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
More results

Similar Description - BD3843FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com