Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW06035K11FKEA Datasheet(PDF) 9 Page - Vishay Siliconix

Part # CRCW06035K11FKEA
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06035K11FKEA Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button CRCW06035K11FKEA Datasheet HTML 5Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 6Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 7Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 8Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 9Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 10Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 11Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 12Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S12-0412-Rev. B, 20-Feb-12
9
Document Number: 63395
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Startup PWM: 3 A Load
Load Step PSM: 0 A to 1.5 A Load (undershoot)
Load Step PSM: 0 A to 3 A Load (undershoot)
Shutdown PWM: 3 A Load
Load Step PSM 0 A to 1.5 A Load (overshoot)
Load Step PSM: 0 A to 3 A Load (overshoot)
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VOUT = 100 mV/div
ILOAD = 1 A/div
LX = 2 V/div
VOUT = 200 mV/div
ILOAD = 5 A/div
LX = 2 V/div
VIN = 2 V/div
VOUT = 1 V/div
PGOOD = 2 V/div
LX = 2 V/div
VOUT = 100 mV/div
ILOAD = 1 A/div
LX = 2 V/div
VOUT = 200 mV/div
ILOAD = 5 A/div
LX = 2 V/div


Similar Part No. - CRCW06035K11FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06035K11FHEAP VISHAY-CRCW06035K11FHEAP Datasheet
107Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 03-Apr-13
More results

Similar Description - CRCW06035K11FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com