Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW1206562MF0EL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW1206562MF0EL
Description  Standard Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1206562MF0EL Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW1206562MF0EL Datasheet HTML 1Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 2Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 3Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 4Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 5Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 6Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 7Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 8Page - Vishay Siliconix CRCW1206562MF0EL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 04-Jun-12
127
D/CRCW e3
Standard Thick Film Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
PACKAGING
MODEL
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
CRCW0402
ED = ET7
10 000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
2 mm
180 mm/7"
EE = EF4
50 000
330 mm/13"
CRCW0603
EI = ET2
5000
8 mm
2 mm
180 mm/7"
ED = ET3
10 000
180 mm/7"
EL = ET4
20 000
285 mm/11.25"
EE = ET8
50 000
330 mm/13"
EA = ET1
5000
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
CRCW0805
EA = ET1
5000
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
CRCW1206
EA = ET1
5000
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
CRCW1210
EA = ET1
5000
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
CRCW1218
EK = ET9
4000
Blister tape acc.
to IEC 60068-3
Type II
12 mm
4 mm
180 mm/7"
CRCW2010
EF = E02
4000
12 mm
4 mm
180 mm/7"
CRCW2512
EG = E67
2000
12 mm
8 mm
180 mm/7"
EH = E82
4000
4 mm
SIZE
DIMENSIONS in millimeters
SOLDER PAD DIMENSIONS in millimeters
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05 0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55
+ 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0
+ 0.20
- 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3
+ 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2
+ 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2


Similar Part No. - CRCW1206562MF0EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206562MFKTA VISHAY-CRCW1206562MFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW1206562MF0EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW120647K0FKEA VICOR-CRCW120647K0FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW080549K9FKEA VISHAY-CRCW080549K9FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805200RFKEA VISHAY-CRCW0805200RFKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com