Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AC244NSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AC244NSR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC244NSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC244NSR Datasheet HTML 1Page - Texas Instruments SN74AC244NSR Datasheet HTML 2Page - Texas Instruments SN74AC244NSR Datasheet HTML 3Page - Texas Instruments SN74AC244NSR Datasheet HTML 4Page - Texas Instruments SN74AC244NSR Datasheet HTML 5Page - Texas Instruments SN74AC244NSR Datasheet HTML 6Page - Texas Instruments SN74AC244NSR Datasheet HTML 7Page - Texas Instruments SN74AC244NSR Datasheet HTML 8Page - Texas Instruments SN74AC244NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN54AC244, SN74AC244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS514E − JUNE 1995 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC244
SN74AC244
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
5
7
1
9.5
1
7.5
ns
tPHL
A
Y
1.5
5
7
1
9
1
7.5
ns
tPZH
OE
Y
1.5
5
7
1
9
1.5
8
ns
tPZL
OE
Y
1.5
5.5
8
1
10.5
1.5
8.5
ns
tPHZ
OE
Y
2.5
6.5
9
1
10.5
1
9.5
ns
tPLZ
OE
Y
2
6.5
9
1
11
2
9.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
CL = 50 pF,
f = 1 MHz
45
pF
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
50% VCC
50% VCC
50% VCC
50% VCC
≈VCC
VCC
0 V
50% VCC
50% VCC
VOH
VOL
0 V
50% VCC
VOL + 0.3 V
50% VCC
VOH − 0.3 V
≈0 V
VCC
Open
Input
Output
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74AC244NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC244NSR TI-SN74AC244NSR Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AC244NSR TI1-SN74AC244NSR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AC244NSR TI1-SN74AC244NSR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AC244NSR TI1-SN74AC244NSR Datasheet
2Mb / 34P
[Old version datasheet]   SNx4AC244 Octal Buffers or Drivers with 3-State Outputs
REVISED AUGUST 2023
SN74AC244NSRE4 TI1-SN74AC244NSRE4 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AC244NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com