Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF650B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # IRF650B
Description  200V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF650B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRF650B Datasheet HTML 1Page - Fairchild Semiconductor IRF650B Datasheet HTML 2Page - Fairchild Semiconductor IRF650B Datasheet HTML 3Page - Fairchild Semiconductor IRF650B Datasheet HTML 4Page - Fairchild Semiconductor IRF650B Datasheet HTML 5Page - Fairchild Semiconductor IRF650B Datasheet HTML 6Page - Fairchild Semiconductor IRF650B Datasheet HTML 7Page - Fairchild Semiconductor IRF650B Datasheet HTML 8Page - Fairchild Semiconductor IRF650B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A1, December 2002
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 1.15mH, IAS = 28A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 32A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
200
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.2
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200 V, VGS = 0 V
--
--
10
µA
VDS = 160 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 14 A
--
0.071
0.085
gFS
Forward Transconductance
VDS = 40 V, ID = 14 A
--
25
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2600
3400
pF
Coss
Output Capacitance
--
330
430
pF
Crss
Reverse Transfer Capacitance
--
75
100
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100 V, ID = 32 A,
RG = 25 Ω
--
30
70
ns
tr
Turn-On Rise Time
--
240
490
ns
td(off)
Turn-Off Delay Time
--
295
600
ns
tf
Turn-Off Fall Time
--
195
400
ns
Qg
Total Gate Charge
VDS = 160 V, ID = 32 A,
VGS = 10 V
--
95
123
nC
Qgs
Gate-Source Charge
--
13
--
nC
Qgd
Gate-Drain Charge
--
43
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
28
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
112
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 28 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 32 A,
dIF / dt = 100 A/µs
--
220
--
ns
Qrr
Reverse Recovery Charge
--
1.89
--
µC


Similar Part No. - IRF650B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF650A ISC-IRF650A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF650APBF VBSEMI-IRF650APBF Datasheet
1Mb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - IRF650B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com