Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8225MIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8225MIRZ
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8225MIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8225MIRZ Datasheet HTML 2Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 3Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 4Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 5Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 6Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 7Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 8Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 9Page - Intersil Corporation ISL8225MIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL8225M
6
FN7822.1
January 31, 2013
Absolute Maximum Ratings
Thermal Information
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +25V
Driver Bias Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Phase Voltage, VPHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +30V
Input, Output or I/O Control Voltage . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . . . 1kV
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 5, 6) . . . . . . . . . . . . . .
10.0
0.9
Maximum Storage Temperature Range . . . . . . . . . . . . . .-55°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to Figure 41
Recommended Operating Conditions
Input Voltage, VIN1 and VIN2. . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 20.0V
Output Voltage, VOUT1 and VOUT2 . . . . . . . . . . . . . . . . . . . . . . . 0.6V to 6.0V
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the phase exposed metal pad on the package underside.
Electrical Specifications TA = +25°C, VIN = 12V, unless otherwise noted. Boldface limits apply over the internal junction temperature
range, -40°C to +125°C (Note 4).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)
UNITS
VCC SUPPLY CURRENT
Nominal Supply VIN Current
IQ_VIN
VIN = 20V; No Load; EN1 = EN2 = high
131
mA
VIN1 = 20V; No Load; EN1 = high, EN2 = low
72
mA
VIN2 = 20V; No Load; EN1 = 0, EN2 = high
71
mA
VIN1 = 12V; No Load; EN1 = high, EN2 = high
134
mA
VIN = 4.5V; No Load; EN1 = EN2 = high
136
mA
VIN1 = 4.5V; No Load; EN1 = high, EN2 = low
73
mA
VIN2 = 4.5V; No Load; EN1 = 0, EN2 = high
70
mA
INTERNAL LINEAR REGULATOR (Note 9)
Maximum Current
IPVCC
VCC = 4V to 5.6V
250
mA
Saturated Equivalent Impedance
RLDO
P-Channel MOSFET (VIN = 5V)
1
VCC Voltage Level
VCC
IVCC = 0mA
5.15
5.4
5.95
V
POWER-ON RESET (Note 9)
Rising VCC Threshold
0°C to +75°C
2.85
2.97
V
-40°C to +85°C
2.85
3.05
V
Falling VCC Threshold
2.65
2.75
V
System Soft-start Delay
tSS_DLY
After PLL and VCC PORs, and EN above their
thresholds
384
Cycles
ENABLE (Note 9)
Turn-On Threshold Voltage
0.75
0.8
0.86
V
Hysteresis Sink Current
IEN_HYS
23
30
35
µA
Under-voltage Lockout Hysteresis
VEN_HYS
VEN_RTH = 10.6V; VEN_FTH = 9V, RUP = 53.6kΩ,
RDOWN = 5.23kΩ
1.6
V
Sink Current
IEN_SINK
VENFF = 1V
15.4
mA
Sink Impedance
REN_SINK IEN_SINK = 5mA, VENFF = 1V
64
OSCILLATOR
Oscillator Frequency
fOSC
SYNC pin is open
510
kHz


Similar Part No. - ISL8225MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MIRZ INTERSIL-ISL8225MIRZ Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
ISL8225MIRZ INTERSIL-ISL8225MIRZ Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
ISL8225MIRZ INTERSIL-ISL8225MIRZ Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MIRZ RENESAS-ISL8225MIRZ Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8225MIRZ-T RENESAS-ISL8225MIRZ-T Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
More results

Similar Description - ISL8225MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com