Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8225M Datasheet(PDF) 25 Page - Intersil Corporation

Part # ISL8225M
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8225M Datasheet(HTML) 25 Page - Intersil Corporation

Back Button ISL8225M_13 Datasheet HTML 20Page - Intersil Corporation ISL8225M_13 Datasheet HTML 21Page - Intersil Corporation ISL8225M_13 Datasheet HTML 22Page - Intersil Corporation ISL8225M_13 Datasheet HTML 23Page - Intersil Corporation ISL8225M_13 Datasheet HTML 24Page - Intersil Corporation ISL8225M_13 Datasheet HTML 25Page - Intersil Corporation ISL8225M_13 Datasheet HTML 26Page - Intersil Corporation ISL8225M_13 Datasheet HTML 27Page - Intersil Corporation ISL8225M_13 Datasheet HTML 28Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ISL8225M
25
FN7822.1
January 31, 2013
Derating Curves All of the following curves were plotted at T
J = +120°C.
FIGURE 35. DERATING CURVE 5VIN TO 1VOUT
FIGURE 36. DERATING CURVE 12VIN TO 1VOUT
FIGURE 37. DERATING CURVE 5VIN TO 1.5VOUT
FIGURE 38. DERATING CURVE 12VIN TO 1.5VOUT
FIGURE 39. DERATING CURVE 5VIN TO 2.5VOUT
FIGURE 40. DERATING CURVE 12VIN TO 2.5VOUT
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
200LFM
400LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM


Similar Part No. - ISL8225M_13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL2Z RENESAS-ISL8225MEVAL2Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL3Z RENESAS-ISL8225MEVAL3Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - ISL8225M_13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com