Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8225M Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8225M
Description  Dual 15A/Single 30A Step-Down Power Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8225M Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8225M_13 Datasheet HTML 6Page - Intersil Corporation ISL8225M_13 Datasheet HTML 7Page - Intersil Corporation ISL8225M_13 Datasheet HTML 8Page - Intersil Corporation ISL8225M_13 Datasheet HTML 9Page - Intersil Corporation ISL8225M_13 Datasheet HTML 10Page - Intersil Corporation ISL8225M_13 Datasheet HTML 11Page - Intersil Corporation ISL8225M_13 Datasheet HTML 12Page - Intersil Corporation ISL8225M_13 Datasheet HTML 13Page - Intersil Corporation ISL8225M_13 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL8225M
10
FN7822.1
January 31, 2013
Transient Response Performance VIN = 12V, COUT = 1x10µF and 3x100µF ceramic capacitors, IOUT = 0A to 7.5A, current
slew rate = 2.5A/µs. TA = +25°C, if not specified, as shown in Figure 18 with 2nd phase disabled.
FIGURE 8. 1VOUT TRANSIENT RESPONSE
FIGURE 9. 1.2VOUT TRANSIENT RESPONSE
FIGURE 10. 1.5VOUT TRANSIENT RESPONSE
FIGURE 11. 1.8VOUT TRANSIENT RESPONSE
FIGURE 12. 2.5VOUT TRANSIENT RESPONSE
FIGURE 13. 3.3VOUT TRANSIENT RESPONSE
Typical Performance Characteristics (Continued)
50mV/DIV
2A/DIV
200µs/DIV
 
 
 
 
50mV/DIV 
2A/DIV
200uS/DIV 
50mV/DIV
2A/DIV
200µs/DIV
 
 
 
 
 
 
50mV/DIV 
2A/DIV 
200uS/DIV 
50mV/DIV
2A/DIV
200µs/DIV
 
 
 
 
 
 
 
 
 
 
50mV/DIV
2A/DIV
200uS/DIV 
50mV/DIV
2A/DIV
200µs/DIV
 
 
 
 
 
 
 
 
 
 
 
50mV/DIV 
2A/DIV 
200uS/DIV 
50mV/DIV
2A/DIV
200µs/DIV
 
 
 
 
 
 
 
 
 
 
100mV/DIV
2A/DIV
200uS/DIV 
100mV/DIV
2A/DIV
200µs/DIV


Similar Part No. - ISL8225M_13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL2Z RENESAS-ISL8225MEVAL2Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL8225MEVAL3Z RENESAS-ISL8225MEVAL3Z Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
logo
Intersil Corporation
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - ISL8225M_13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Renesas Technology Corp
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
   Dual 15A/Single 30A Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
   30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
   15A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
   15A 42V Single-Channel DC/DC Step-Down Power Module
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
   15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
   15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
   2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
   18V 15A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com