Electronic Components Datasheet Search |
|
SRR4028-181Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SRR4028-181Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page SRR4028 Series - Shielded SMD Power Inductors Features ■ Height of 3.0 mm max. ■ Current rating up to 3.1 A ■ RoHS compliant* Applications ■ Input/output of DC/DC converters ■ Power supplies for: • Portable communication equipment • Camcorders • LCD TVs • Car radios Electrical Specifications Product Dimensions 6R8 4.80 ± 0.20 (.189 ± .008) 4.80 ± 0.20 (.189 ± .008) 1.60 (.063) TYP. 1.60 (.063) TYP. 1.60 (.063) TYP. 2.80 ± 0.20 (.110 ± .008) General Specifications Test Voltage .....................0.1 V, 100 KHz Reflow Soldering .....230 ˚C; 50 sec max. Operating Temperature ..-40 °C to +125 °C (Temperature rise included) Storage Temperature..-40 °C to +125 °C Resistance to Soldering Heat ................................260 °C for 10 sec. Materials Core Material.................................Ferrite Wire ............................Enameled Copper Adhesive..............................Epoxy Resin Terminal.....................................Ag/Ni/Sn Rated Current .........Ind. drop of 35 % typ. at Isat Temperature Rise .............30 ˚C typ. at Irms Packaging.....................500 pcs. per reel Recommended Layout 5.30 (.209) 2.00 (.079) REF. 1.50 (.059) REF. 2.00 (.079) REF. 1.80 (.071) REF. REF. R Inductance 100 kHz Q Test SRF DCR Bourns Part No. ( µ µH) Tol. % Ref. Frequency Typ. Max. Irms Isat (MHz) (MHz) (m Ω Ω) (A) (A) SRR4028-1R2Y 1.2 ±30 9.34 7.96 176 20 3.10 2.560 SRR4028-1R8Y 1.8 ±30 9.18 7.96 146 25 2.70 2.200 SRR4028-2R2Y 2.2 ±30 9.24 7.96 111 28 2.50 2.050 SRR4028-2R7Y 2.7 ±30 8.64 7.96 92 30 2.35 1.800 SRR4028-3R3Y 3.3 ±30 7.72 7.96 76 35 2.15 1.650 SRR4028-3R9Y 3.9 ±30 8.58 7.96 56 60 1.72 1.500 SRR4028-4R7Y 4.7 ±30 8.12 7.96 55 70 1.55 1.300 SRR4028-5R6Y 5.6 ±30 9.56 7.96 69 85 1.38 1.200 SRR4028-6R8Y 6.8 ±30 9.624 7.96 77 90 1.30 1.150 SRR4028-8R2Y 8.2 ±30 8.24 7.96 45 100 1.25 1.050 SRR4028-100Y 10 ±30 11.26 2.52 34 110 1.19 1.000 SRR4028-120Y 12 ±30 11.26 2.52 25 125 1.12 0.850 SRR4028-150Y 15 ±30 9.66 2.52 27 150 1.03 0.780 SRR4028-180Y 18 ±30 11.64 2.52 25 160 0.98 0.750 SRR4028-220Y 22 ±30 8.26 2.52 23 185 0.93 0.720 SRR4028-270Y 27 ±30 10.76 2.52 18 200 0.89 0.600 SRR4028-330Y 33 ±30 9.7 2.52 16 230 0.82 0.580 SRR4028-390Y 39 ±30 9.74 2.52 14 250 0.80 0.500 SRR4028-470Y 47 ±30 10.88 2.52 13 280 0.75 0.480 SRR4028-560Y 56 ±30 9 2.52 13 320 0.70 0.410 SRR4028-680Y 68 ±30 8.42 2.52 11 400 0.63 0.360 SRR4028-820Y 82 ±30 8.6 2.52 8 520 0.56 0.320 SRR4028-101Y 100 ±30 8.78 0.796 9 600 0.51 0.300 SRR4028-121Y 120 ±30 13.32 0.796 8 700 0.47 0.280 SRR4028-151Y 150 ±30 11.72 0.796 6 860 0.42 0.260 SRR4028-181Y 180 ±30 13.86 0.796 7 1000 0.39 0.230 SRR4028-221Y 220 ±30 11.3 0.796 5 1250 0.34 0.200 SRR4028-271Y 270 ±30 17.46 0.796 5 1500 0.32 0.180 SRR4028-331Y 330 ±30 16.48 0.796 5 1700 0.30 0.170 SRR4028-391Y 390 ±30 13.18 0.796 4 2200 0.26 0.160 SRR4028-471Y 470 ±30 13.26 0.796 3 2600 0.24 0.155 SRR4028-561Y 560 ±30 16.46 0.796 3 3000 0.22 0.150 DIMENSIONS: MM (INCHES) *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 25 75 125 175 225 275 0 50 100 150 200 250 300 Time (seconds) 120 - 150 seconds 60 - 90 seconds 260°C peak 190°C 150°C 220°C Ramp Down 6°C/second maximum <1> 255°C <1> Maximum of 10 seconds between +255°C and +260°C Ramp Up 3°C/second maximum 10 seconds minimum Rev. 02/22/05 Soldering Profile |
Similar Part No. - SRR4028-181Y |
|
Similar Description - SRR4028-181Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |