Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATMEGA1280 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATMEGA1280
Description  DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1280 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA1280 Datasheet HTML 1Page - ATMEL Corporation ATMEGA1280 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The AVR® JTAG
ICE mklI from Atmel® is a powerful development tool for On-chip
Debugging of all AVR 8-bit RISC microcontrollers with IEEE 1149.1 compliant JTAG
interface or debugWIRE Interface. DebugWIRE enables on chip debug of AVR
microcontrollers in small pin count packages, using only a single wire for the
debug interface. The JTAGICE
mkII and the AVR Studio® user inter-
face give the user complete control
of the internal resources of the
microcontroller, helping to reduce
development
time
by
making
debugging easier. The JTAGICE
mkII performs Real Time emulation
of the microcontroller while it is
running in a target system. The
JTAGICE mkII provides emulation
capability at a fraction of the cost of
traditional emulators.
AVR Studio Operated
Full Emulation of All Analog and Digital
Functions
Full JTAG Programming Support
Supports Multiple Devices in a JTAG
Scan Chain
USB 1.1 or RS-232 Interface to PC
Full Support for Assembly and High
Level Languages
Program and Data Breakpoints
All Operations and Breakpoints are
Real Time
Adapter for Direct Connection to
STK500
Upgrades are done from AVR Studio
Target Voltage 1.8 – 5.5V
Supply Voltage 9V – 12V, or Powered
from USB port
M ICROCONTROLLERS
On-chip
Debug
System
DEBUG AVR APPLICATIONS USING
JTAG OR DEBUGWIRE INTERFACE
JTAGICE mkII


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn