Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1212-EP Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1212-EP
Description  Low Capacitance, Low Charge Injection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212-EP Datasheet(HTML) 3 Page - Analog Devices

  ADG1212-EP Datasheet HTML 1Page - Analog Devices ADG1212-EP Datasheet HTML 2Page - Analog Devices ADG1212-EP Datasheet HTML 3Page - Analog Devices ADG1212-EP Datasheet HTML 4Page - Analog Devices ADG1212-EP Datasheet HTML 5Page - Analog Devices ADG1212-EP Datasheet HTML 6Page - Analog Devices ADG1212-EP Datasheet HTML 7Page - Analog Devices ADG1212-EP Datasheet HTML 8Page - Analog Devices ADG1212-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Enhanced Product
ADG1212-EP
Rev. 0 | Page 3 of 12
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to
+85°C
−55°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
120
Ω typ
VS = ±10 V, IS = −1 mA; see Figure 15
190
230
260
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between Channels (∆RON)
2.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
11
Ω max
On Resistance Flatness (RFLAT(ON))
20
Ω typ
VS = −5 V/0 V/+5 V; IS = −1 mA
57
72
79
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off )
±0.02
nA typ
VS = ±10 V, VD =
10 V; see
m
Figure 11
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
±0.02
nA typ
VS = ±10 V, VD =
10 V; see
m
Figure 11
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = ±10 V; see Figure 12
±0.1
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
65
ns typ
RL = 300 Ω, CL = 35 pF
80
95
110
ns max
VS = 10 V; see Figure 18
tOFF
80
ns typ
RL = 300 Ω, CL = 35 pF
100
115
135
ns max
VS = 10 V; see Figure 18
Charge Injection
−0.3
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 13
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 14
Total Harmonic Distortion + Noise
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz;
see Figure 17
−3 dB Bandwidth
1000
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 16
CS (Off )
0.9
pF typ
VS = 0 V, f = 1 MHz
1.1
pF max
VS = 0 V, f = 1 MHz
CD (Off )
1
pF typ
VS = 0 V, f = 1 MHz
1.2
pF max
VS = 0 V, f = 1 MHz
CD, CS (On)
2.6
pF typ
VS = 0 V, f = 1 MHz
3
pF max
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
220
μA typ
Digital inputs = 5 V
420
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
ISS
0.001
μA typ
Digital inputs = 5 V
1.0
μA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1212-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCP AD-ADG1212YCP Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YRU AD-ADG1212YRU Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
More results

Similar Description - ADG1212-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com