Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1212-EP Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1212-EP
Description  Low Capacitance, Low Charge Injection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212-EP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1212-EP Datasheet HTML 4Page - Analog Devices ADG1212-EP Datasheet HTML 5Page - Analog Devices ADG1212-EP Datasheet HTML 6Page - Analog Devices ADG1212-EP Datasheet HTML 7Page - Analog Devices ADG1212-EP Datasheet HTML 8Page - Analog Devices ADG1212-EP Datasheet HTML 9Page - Analog Devices ADG1212-EP Datasheet HTML 10Page - Analog Devices ADG1212-EP Datasheet HTML 11Page - Analog Devices ADG1212-EP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG1212-EP
Enhanced Product
Rev. 0 | Page 10 of 12
VS
IN
SD
GND
RL
300Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG1212-EP
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
Figure 18. Switching Times
IN
VOUT
ADG1212-EP
VIN
VOUT
OFF
∆VOUT
ON
QINJ = CL × ∆VOUT
SD
VDD
VSS
VDD
VSS
VS
RS
GND
CL
1nF
Figure 19. Charge Injection


Similar Part No. - ADG1212-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCP AD-ADG1212YCP Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YRU AD-ADG1212YRU Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
More results

Similar Description - ADG1212-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com