Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR4028-5R6Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR4028-5R6Y
Description  SRR4028 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR4028-5R6Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR4028-5R6Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR4028-5R6Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRR4028 Series - Shielded SMD Power Inductors
Features
Height of 3.0 mm max.
Current rating up to 3.1 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
6R8
4.80 ± 0.20
(.189 ± .008)
4.80 ± 0.20
(.189 ± .008)
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.60
(.063)
TYP.
2.80 ± 0.20
(.110 ± .008)
General Specifications
Test Voltage .....................0.1 V, 100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core Material.................................Ferrite
Wire ............................Enameled Copper
Adhesive..............................Epoxy Resin
Terminal.....................................Ag/Ni/Sn
Rated Current .........Ind. drop of 35 % typ.
at Isat
Temperature Rise .............30 ˚C typ. at Irms
Packaging.....................500 pcs. per reel
Recommended Layout
5.30
(.209)
2.00
(.079)
REF.
1.50
(.059)
REF.
2.00
(.079)
REF.
1.80
(.071)
REF.
REF.
R
Inductance 100 kHz
Q
Test
SRF
DCR
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Typ.
Max.
Irms
Isat
(MHz)
(MHz)
(m
Ω)
(A)
(A)
SRR4028-1R2Y
1.2
±30
9.34
7.96
176
20
3.10
2.560
SRR4028-1R8Y
1.8
±30
9.18
7.96
146
25
2.70
2.200
SRR4028-2R2Y
2.2
±30
9.24
7.96
111
28
2.50
2.050
SRR4028-2R7Y
2.7
±30
8.64
7.96
92
30
2.35
1.800
SRR4028-3R3Y
3.3
±30
7.72
7.96
76
35
2.15
1.650
SRR4028-3R9Y
3.9
±30
8.58
7.96
56
60
1.72
1.500
SRR4028-4R7Y
4.7
±30
8.12
7.96
55
70
1.55
1.300
SRR4028-5R6Y
5.6
±30
9.56
7.96
69
85
1.38
1.200
SRR4028-6R8Y
6.8
±30
9.624
7.96
77
90
1.30
1.150
SRR4028-8R2Y
8.2
±30
8.24
7.96
45
100
1.25
1.050
SRR4028-100Y
10
±30
11.26
2.52
34
110
1.19
1.000
SRR4028-120Y
12
±30
11.26
2.52
25
125
1.12
0.850
SRR4028-150Y
15
±30
9.66
2.52
27
150
1.03
0.780
SRR4028-180Y
18
±30
11.64
2.52
25
160
0.98
0.750
SRR4028-220Y
22
±30
8.26
2.52
23
185
0.93
0.720
SRR4028-270Y
27
±30
10.76
2.52
18
200
0.89
0.600
SRR4028-330Y
33
±30
9.7
2.52
16
230
0.82
0.580
SRR4028-390Y
39
±30
9.74
2.52
14
250
0.80
0.500
SRR4028-470Y
47
±30
10.88
2.52
13
280
0.75
0.480
SRR4028-560Y
56
±30
9
2.52
13
320
0.70
0.410
SRR4028-680Y
68
±30
8.42
2.52
11
400
0.63
0.360
SRR4028-820Y
82
±30
8.6
2.52
8
520
0.56
0.320
SRR4028-101Y
100
±30
8.78
0.796
9
600
0.51
0.300
SRR4028-121Y
120
±30
13.32
0.796
8
700
0.47
0.280
SRR4028-151Y
150
±30
11.72
0.796
6
860
0.42
0.260
SRR4028-181Y
180
±30
13.86
0.796
7
1000
0.39
0.230
SRR4028-221Y
220
±30
11.3
0.796
5
1250
0.34
0.200
SRR4028-271Y
270
±30
17.46
0.796
5
1500
0.32
0.180
SRR4028-331Y
330
±30
16.48
0.796
5
1700
0.30
0.170
SRR4028-391Y
390
±30
13.18
0.796
4
2200
0.26
0.160
SRR4028-471Y
470
±30
13.26
0.796
3
2600
0.24
0.155
SRR4028-561Y
560
±30
16.46
0.796
3
3000
0.22
0.150
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
Soldering Profile


Similar Part No. - SRR4028-5R6Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR4011 BOURNS-SRR4011 Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR4011 BOURNS-SRR4011 Datasheet
117Kb / 2P
   SHIELDED SMD POWER INDUCTOR
SRR4011-100YL BOURNS-SRR4011-100YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR4011-101YL BOURNS-SRR4011-101YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR4011-150YL BOURNS-SRR4011-150YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR4028-5R6Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com