Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62-217BSW1C2 Datasheet(PDF) 8 Page - A-BRIGHT Inc

Part # 62-217BSW1C2
Description  5630 Package Power Warm White Surface Mount Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

62-217BSW1C2 Datasheet(HTML) 8 Page - A-BRIGHT Inc

  62-217BSW1C2 Datasheet HTML 1Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 2Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 3Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 4Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 5Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 6Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 7Page - A-BRIGHT Inc 62-217BSW1C2 Datasheet HTML 8Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Precautions For Use
1. Over-current proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change (Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded
the storage time, baking treatment should be performed using the following conditions.
Baking treatment︰60
±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is
often started at the time of the hand solder.
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: 62-217BSW1C2


Similar Part No. - 62-217BSW1C2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
62-217BSW1C2 A-BRIGHT-62-217BSW1C2 Datasheet
646Kb / 8P
   SURFACE MOUNT LED LAMPS
62-217BSW1C2 A-BRIGHT-62-217BSW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
More results

Similar Description - 62-217BSW1C2

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
636Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C2 A-BRIGHT-62-217BUW1C2 Datasheet
646Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C1 A-BRIGHT-62-217BSW1C1 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BUW1C1 A-BRIGHT-62-217BUW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power White Surface Mount Device
62-217BUW1C2 A-BRIGHT-62-217BUW1C2_15 Datasheet
646Kb / 8P
   5630 Package Power White Surface Mount Device
62-217ASW2C1H A-BRIGHT-62-217ASW2C1H Datasheet
948Kb / 10P
   Power Warm White Surface Mount Device
62-217AWW2C1H A-BRIGHT-62-217AWW2C1H Datasheet
900Kb / 10P
   Power Warm White Surface Mount Device
62-217ASW2C2H A-BRIGHT-62-217ASW2C2H Datasheet
1Mb / 11P
   Power Warm White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com