Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC5061AIC44 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ILC5061AIC44
Description  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061AIC44 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ILC5061AIC44 Datasheet HTML 1Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 2Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 3Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 4Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 5Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 6Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 7Page - Fairchild Semiconductor ILC5061AIC44 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev. 2.5 1/2/03
ILC5061
PRODUCT SPECIFICATION
Electrical Characteristics T
A = 25°C
Parameter
Symbol
Conditions
Min
Type
Max
Units
Detect Fail Voltage
VDF
VDF X 0.99
VDF
VDF X 1.01
V
Hysteresis Range
VHYS
VDF X 0.02
VDF X 0.05 VDF X 0.08
V
Supply Current
ISS
VIN = 1.5V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
0.9
1.0
1.3
1.6
2.0
2.6
3.0
3.4
3.8
4.2
µA
Operating Voltage
VIN
VDF = 2.1~ 6.0V
1.5
10.0
V
Output Current
IOUT
N-ch VDS = 0.5V
VIN = 1.0V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
2.2
7.7
10.1
11.5
13.0
mA
Temperature Charac-
teristics
DVDF/(DTopr * VDF) -30
oC<T
opr<80
oC
-200
+100
+200
Ppm/ oC
Delay Time Release
Voltage Output Inver-
sion)
TDLY
(VDR to VOUT
inversion)
0.1
ms
Note:
1. An additional resistor between the VIN pin and supply voltage may cause deterioration of the characteristics due
to increasing VDR.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltages
VIN
12
V
Output Current
IOUT
50
mA
Output Voltages
VOUT
VSS-0.3~+VIN+03
V
Continuous Total
Power Dissipation
SOT 23
Pd
150
mW
Operation Ambient temperature
Topr
-30~+80
oC
Storage Temperature
Tstg
-40~+125
oC
ILC5061


Similar Part No. - ILC5061AIC44

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061AM-26 IMPALA-ILC5061AM-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-27 IMPALA-ILC5061AM-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-28 IMPALA-ILC5061AM-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-29 IMPALA-ILC5061AM-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-31 IMPALA-ILC5061AM-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

Similar Description - ILC5061AIC44

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com