Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN750PS-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # VN750PS-E
Description  High-side driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PS-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VN750PS-E Datasheet HTML 10Page - STMicroelectronics VN750PS-E Datasheet HTML 11Page - STMicroelectronics VN750PS-E Datasheet HTML 12Page - STMicroelectronics VN750PS-E Datasheet HTML 13Page - STMicroelectronics VN750PS-E Datasheet HTML 14Page - STMicroelectronics VN750PS-E Datasheet HTML 15Page - STMicroelectronics VN750PS-E Datasheet HTML 16Page - STMicroelectronics VN750PS-E Datasheet HTML 17Page - STMicroelectronics VN750PS-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Electrical specifications
VN750PS-E
14/27
Doc ID 16782 Rev 2
Figure 13. On-state resistance vs Tcase Figure 14. On-state resistance vs VCC
Figure 15. Open-load on-state detection
threshold
Figure 16. Input high level
Figure 17. Input low level
Figure 18. Input hysteresis voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
20
40
60
80
100
120
140
Ron (mOhm)
Iout=2A
Vcc=8V; 13V; 36V
5
10152025
303540
Vcc (V)
20
30
40
50
60
70
80
90
100
110
120
Ron (mOhm)
Iout=2A
Tc= - 40°C
Tc= 25°C
Tc= 125°C
Tc= 150°C
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
20
40
60
80
100
120
140
160
180
200
220
Iol (mA)
Vcc=13V
Vin=5V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
Vil (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)


Similar Part No. - VN750PS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN750PS.E STMICROELECTRONICS-VN750PS.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN750PS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com