Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6585DE Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6585DE
Description  Combo IC for PFC and ballast control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585DE Datasheet(HTML) 5 Page - STMicroelectronics

  L6585DE Datasheet HTML 1Page - STMicroelectronics L6585DE Datasheet HTML 2Page - STMicroelectronics L6585DE Datasheet HTML 3Page - STMicroelectronics L6585DE Datasheet HTML 4Page - STMicroelectronics L6585DE Datasheet HTML 5Page - STMicroelectronics L6585DE Datasheet HTML 6Page - STMicroelectronics L6585DE Datasheet HTML 7Page - STMicroelectronics L6585DE Datasheet HTML 8Page - STMicroelectronics L6585DE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
L6585DE
Pin settings
5/33
Pin n.
Name
Function
4Tch
Pin for setting the preheating time and protection intervention.
Connect an RC parallel network (Rd and Cd) to ground.
Preheating: the Cd is charged by an internal current generator. When the pin
voltage reaches 4.63 V the generator is disabled and the capacitor discharges
because of Rd. Once the voltage drops below 1.5 V, the preheating finishes, the
ignition phase starts and the RdCd is pulled to ground.
Ignition and Run mode: During proper behavior of the IC, this pin is low
impedance. During a fault (either over-current or EOL) the internal generator
charges the Cd to 4.63 V and then another current generator discharges the
same capacitor. In this way, Cd sets the fault timing (shorter than preheating
time).
5EOLP
Pin to program the EOL comparator.
It is possible to select both the EOL sensing method (fixed reference or
reference in tracking with CTR) and the window comparator amplitude by
connecting a resistor (REOLP) to ground.
6EOL
Input for the window comparator.
It can be used to detect lamp ageing for either “lamp to ground” or “block
capacitor to ground” configurations.
This function is blanked during the ignition phase.
7CTR
Input pin for:
- PFC over-voltage detection: the PFC driver is stopped until the voltage returns
in the proper operating range
- Feedback disconnection detection
- Reference for EOL comparator (in case tracking reference)
- The pin can be used also for shutdown
8MULT
Multiplier external input. This pin is connected to the rectified mains voltage via a
voltage divider and provides the sinusoidal reference to the PFC current loop.
9COMP
Output of the error amplifier. A compensation network is placed between this pin
and INV to achieve stability of the PFC voltage control loop and ensure high
power factor and low THD.
10
INV
Inverting input of the error amplifier. Output voltage of the PFC pre-regulator is
fed to the pin through a voltage divider.
11
ZCD
Boost inductor demagnetization sensing input for PFC transition-mode
operation. A negative-going edge triggers PFC MOSFET turn-on.
During startup or when the voltage is not high enough to arm the internal
comparator, the PFC driver is triggered by means of an internal starter.
12
PFCCS
Input to the PFC PWM comparator. The current flowing through the PFC
MOSFET is sensed through a resistor. The resulting voltage is applied to this pin
and compared with an internal sinusoidal-shaped reference, generated by the
multiplier, to determine the PFC MOSFET’ s turnoff.
A second comparison level detects abnormal currents (due to boost inductor
saturation, for example) and, on this occurrence, shuts down the PFC gate.
An internal LEB prevents undesired function triggering.
Table 1.
Pin functions (continued)


Similar Part No. - L6585DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
L6585D STMICROELECTRONICS-L6585D Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
L6585DTR STMICROELECTRONICS-L6585DTR Datasheet
160Kb / 9P
   PFC and Ballast Control IC
L6585DTR STMICROELECTRONICS-L6585DTR Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
L6585D STMICROELECTRONICS-L6585D_07 Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
More results

Similar Description - L6585DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D_07 Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
EVAL6585D-230V STMICROELECTRONICS-EVAL6585D-230V Datasheet
129Kb / 6P
   Combo IC for PFC and ballast control
November 2006 Rev 1
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com