Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6562ATN Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6562ATN
Description  Transition-mode PFC controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6562ATN Datasheet HTML 6Page - STMicroelectronics L6562ATN Datasheet HTML 7Page - STMicroelectronics L6562ATN Datasheet HTML 8Page - STMicroelectronics L6562ATN Datasheet HTML 9Page - STMicroelectronics L6562ATN Datasheet HTML 10Page - STMicroelectronics L6562ATN Datasheet HTML 11Page - STMicroelectronics L6562ATN Datasheet HTML 12Page - STMicroelectronics L6562ATN Datasheet HTML 13Page - STMicroelectronics L6562ATN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical electrical characteristic
L6562AT
10/25
Figure 11.
Multiplier characteristic
Figure 12.
Vcs clamp vs TJ
Figure 13.
ZCD clamp levels vs TJ
Figure 14.
Start-up timer vs TJ
p
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0 0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2 2.2 2.4 2.6 2.8
3
VMULT (pin3) (V)
V COMP (pin2) (V)
Upper Volt. Clamp
2.5 V
3 V
3.5V
4 V
5.75 V
4.5V
5 V
1
1.1
1.2
1.3
-50
0
50
100
150
Tj (°C)
Vcc = 12V
VCOMP = Upper clamp
pj
-1
0
1
2
3
4
5
6
7
-50
0
50
100
150
Tj (°C)
Vcc = 12V
IZCD = ±2.5 mA
Upper clamp
Lower clamp
pj
150
160
170
180
190
200
-50
0
50
100
150
Tj (°C)
Vcc = 12V


Similar Part No. - L6562ATN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
More results

Similar Description - L6562ATN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com