Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS874001AGI-05LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS874001AGI-05LF
Description  PCI Express??Jitter Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874001AGI-05LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS874001AGI-05LF Datasheet HTML 2Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 3Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 4Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 5Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 6Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 7Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 8Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 9Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ICS874001AGI-05 REVISION A JANUARY 14, 2011
6
©2011 Integrated Device Technology, Inc.
ICS74001I-05 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = VDDO = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen 1
is 86ps peak-to-peak for a sample size of 106 clock periods.
NOTE 3: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS
(High Band) and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
NOTE 4: Guaranteed only when input clock source is PCI Express and PCI Express Gen 2 compliant.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
98
640
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
50
ps
Tj
(PCIe Gen 1)
Phase Jitter Peak-to-Peak;
NOTE 2, 4
100MHz output,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
16.14
ps
125MHz output,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
15.64
ps
250MHz output,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
13.16
ps
500MHz, (1.2MHz –21.9MHz),
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
12.17
ps
TREFCLK_HF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 3, 4
100MHz output,
High Band: 1.5MHz - Nyquist
(clock frequency/2)
1.4
ps
125MHz output,
High Band: 1.5MHz - Nyquist
(clock frequency/2)
1.39
ps
250MHz output,
High Band: 1.5MHz - Nyquist
(clock frequency/2)
1.18
ps
500MHz output,
High Band: 1.5MHz - Nyquist
(clock frequency/2)
1.11
ps
TREFCLK_LF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 3, 4
100MHz output,
Low Band: 10kHz - 1.5MHz
0.33
ps
125MHz output,
Low Band: 10kHz - 1.5MHz
0.22
ps
250MHz output,
Low Band: 10kHz - 1.5MHz
0.22
ps
500MHz output,
Low Band: 10kHz - 1.5MHz
0.22
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
600
ps
odc
Output Duty Cycle
F_SEL[10]
≠ 11
48
52
%
F_SEL[10] = 11
42
58
%


Similar Part No. - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
   PCI Express™ Jitter Attenuator
JANUARY 14, 2011
More results

Similar Description - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com