Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

542MLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 542MLFT
Description  CLOCK DIVIDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

542MLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  542MLFT Datasheet HTML 1Page - Integrated Device Technology 542MLFT Datasheet HTML 2Page - Integrated Device Technology 542MLFT Datasheet HTML 3Page - Integrated Device Technology 542MLFT Datasheet HTML 4Page - Integrated Device Technology 542MLFT Datasheet HTML 5Page - Integrated Device Technology 542MLFT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ICS542
CLOCK DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ CLOCK DIVIDER
3
ICS542
REV J 051310
same side of the board, minimizing vias through other signal
layers (the ferrite bead and bulk decoupling capacitor can be
mounted on the back). Other signal traces should be routed
away from the ICS542. This includes signal traces just
underneath the device, or on layers adjacent to the ground
plane layer used by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS542. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
+70
° C
Ambient Operating Temperature (industrial)
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
3.0
5.5
V


Similar Part No. - 542MLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
542MLFT IDT-542MLFT Datasheet
119Kb / 6P
   CLOCK DIVIDER
More results

Similar Description - 542MLFT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
   CLOCK DIVIDER
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
   Clock Divider
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
logo
Integrated Circuit Syst...
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
   Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com