Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZX21901CKLF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9ZX21901CKLF
Description  19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZX21901CKLF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9ZX21901CKLF Datasheet HTML 5Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 6Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 7Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 8Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 9Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 10Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 11Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 12Page - Integrated Device Technology 9ZX21901CKLF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IDT®
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
1648H- 12/08/11
9ZX21901C
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9
Clock Periods - Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
100.00
9.94900
9.99900
10.00000
10.00100
10.05100
ns
1,2,3
133.33
7.44925
7.49925
7.50000
7.50075
7.55075
ns
1,2,4
Clock Periods - Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
99.75
9.94906
9.99906
10.02406
10.02506
10.02607
10.05107
10.10107
ns
1,2,3
133.00
7.44930
7.49930
7.51805
7.51880
7.51955
7.53830
7.58830
ns
1,2,4
Notes:
1Guaranteed by design and characterization, not 100% tested in production.
3 Driven by SRC output of main clock, 100 MHz PLL Mode or Bypass mode
4 Driven by CPU output of main clock, 133 MHz PLL Mode or Bypass mode
Measurement Window
Units
SSC ON
Center
Freq.
MHz
SSC OFF
Center
Freq.
MHz
2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK420BQ/CK410B+
accuracy requirements (+/-100ppm). The 9ZX21901 itself does not contribute to ppm error.
DIF
DIF
Measurement Window
Units Notes
Notes
Differential Output Termination Table
DIF Zo (Ω)Iref (Ω)Rs (Ω)Rp (Ω)
100
475
33
50
85
412
27
43.2
Differential Zo
Rp
Rp
HCSL Output
Buffer
9ZX21901 Differential Test Loads
Rs
Rs
2pF
2pF
10 inches
Thermal Characteristics
Parameter
Symbol Conditions
Min. Typ. Max. Units
θJA
Still air
26.2
°C/W
θJA
1 m/s air flow
23.1
°C/W
θJA
3 m/s air flow
19.6
°C/W
Thermal Resistance Junction to Case
θJC
10.4
°C/W
Thermal Resistance Junction to Board
θJB
0.3
°C/W
Thermal Resistance Junction to Ambient


Similar Part No. - 9ZX21901CKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901CKLF IDT-9ZX21901CKLF Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901CKLF IDT-9ZX21901CKLF Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901CKLF RENESAS-9ZX21901CKLF Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901CKLFT IDT-9ZX21901CKLFT Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901CKLFT IDT-9ZX21901CKLFT Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
More results

Similar Description - 9ZX21901CKLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B Datasheet
192Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
   15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21501B RENESAS-9ZX21501B Datasheet
418Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV E 041613
9ZX21501C RENESAS-9ZX21501C Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com