Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9ZX21901CKLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9ZX21901CKLFT
Description  19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9ZX21901CKLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9ZX21901CKLFT Datasheet HTML 4Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 5Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 6Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 7Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 8Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 9Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 10Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 11Page - Integrated Device Technology ICS9ZX21901CKLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDT®
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
1648H- 12/08/11
9ZX21901C
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
8
Electrical Characteristics - Phase Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
39
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.1
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.6
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.6
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.36
0.5
ps
(rms)
1,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.23
0.3
ps
(rms)
1,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.18
0.2
ps
(rms)
1,5
tjphPCIeG1
PCIe Gen 1
4
10
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.25
0.3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.57
0.7
ps
(rms)
1,2,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.20
0.3
ps
(rms)
1,2,4,6
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.22
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.08
0.1
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.08
0.1
ps
(rms)
1,5,6
1 Applies to all outputs.
6 For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)^2 = (total jittter)^2 - (input jitter)^2
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
Jitter, Phase
tjphPCIeG2
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final radification by PCI SIG.
Additive Phase Jitter,
Bypass mode
tjphPCIeG2
tjphQPI_SMI
Power Management Table
Outputs
CKPWRGD_PD#
DIF_IN/
DIF_IN#
SMBus
EN bit
OE# Pin
DIF(5:12)/
DIF(5:12)#
Other DIF/
DIF#
DFB_OUT/
DFB_OUT#
0X
X
X
Hi-Z
1
Hi-Z
1
Hi-Z
1
OFF
0X
Hi-Z
1
Hi-Z
1
Running
ON
1
0
Running
Running
Running
ON
11
Hi-Z
1
Running
Running
ON
NOTE:
1. Due to external pull down resistors, HI-Z results in Low/Low on the True/Complement outputs
Running
Control Bits/Pins
PLL
State
Inputs
1


Similar Part No. - ICS9ZX21901CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9ZML1231BKL RENESAS-ICS9ZML1231BKL Datasheet
409Kb / 20P
   2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
REV E 112015
More results

Similar Description - ICS9ZX21901CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
logo
Integrated Device Techn...
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B Datasheet
192Kb / 16P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
   19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21501B IDT-9ZX21501B Datasheet
180Kb / 16P
   15-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9ZX21501B RENESAS-9ZX21501B Datasheet
418Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV E 041613
9ZX21501C RENESAS-9ZX21501C Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
logo
Renesas Technology Corp
9DB1904B RENESAS-9DB1904B Datasheet
318Kb / 19P
   19 Output Differential Buffer for PCIe Gen2 and QPI
04/19/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com