Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9UMS9610CKLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9UMS9610CKLFT
Description  PC MAIN CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610CKLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9UMS9610CKLFT Datasheet HTML 1Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 2Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 3Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 4Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 5Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9610CKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—07/21/08
ICS9UMS9610
PC MAIN CLOCK
3
Advance Information
Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
Logic Level
(V)
Input Level
Tolerance (V)
25
GNDSRC
GND Ground pin for the SRC outputs
0
N/A
26
SRCC0_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with
integrated 33ohm series resistor. No 50ohm resistor to GND needed.
0.8
N/A
27
SRCT0_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
0.8
N/A
28
*CR#1_1.5
IN
1.5V Clock request for SRC1, 0 = enable, 1 = disable
1.5
1.5
29
VDDCORE_1.5
PWR 1.5V power for the PLL core
1.5
1.5
30
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
1.5
1.5
31
SRCC1_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with
integrated 33ohm series resistor. No 50ohm resistor to GND needed.
0.8
N/A
32
SRCT1_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
0.8
N/A
33
GNDSRC
GND Ground pin for the SRC outputs
0
N/A
34
SRCC2_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with
integrated 33ohm series resistor. No 50ohm resistor to GND needed.
0.8
N/A
35
SRCT2_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
0.8
N/A
36
*CR#2_1.5
IN
1.5V Clock request for SRC2, 0 = enable, 1 = disable
1.5
1.5
37
FSB_L_1.5
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. 1.5V Max input voltage.
1.5
1.5
38
CPUC2_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with
integrated 33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A
39
CPUT2_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A
40
GNDCPU
GND Ground pin for the CPU outputs
0
N/A
41
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
1.5
1.5
42
VDDCORE_1.5
PWR 1.5V power for the PLL core
1.5
1.5
43
CPUC1_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with
integrated 33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A
44
CPUT1_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A
45
GNDCPU
GND Ground pin for the CPU outputs
0
N/A
46
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
1.5
1.5
47
CPUC0_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with
integrated 33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A
48
CPUT0_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
0.8
N/A


Similar Part No. - ICS9UMS9610CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
More results

Similar Description - ICS9UMS9610CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9UMS9001 IDT-9UMS9001 Datasheet
111Kb / 15P
   PC MAIN CLOCK - CK540
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com