Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402FR-07511RL Datasheet(PDF) 11 Page - Texas Instruments

Part # RC0402FR-07511RL
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC0402FR-07511RL Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC0402FR-07511RL Datasheet HTML 7Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 8Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 9Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 10Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 11Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 12Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 13Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 14Page - Texas Instruments RC0402FR-07511RL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
Board Layouts, Schematic, and Bill of Materials
Table 1. TAS5548-5558EVM Bill of Materials (continued)
Item
MFG Part Number
RefDes
Description
31
RMCF0402FT1M00
R10, R23
RESISTOR SMD0402 1.0M OHMS 1% 1/16W ROHS
32
RC0402FR-073K09L
R11
RESISTOR SMD0402 THICK FILM 3.09K OHM 1% 1/16W ROHS
33
RC0402FR-07511RL
R12
RESISTOR SMD0402 THICK FILM 511 OHMS 1% 1/16W ROHS
34
RC0402FR-0747RL
R13, R14, R15, R16, R24, R25
RESISTOR SMD0402 THICK FILM 47.0 OHMS 1% 1/16W ROHS
35
RMCF0402ZT0R00
R17, R18
ZERO OHM JUMPER SMT 0402 0 OHM 1/16W,5% ROHS
36
CRCW0402360RFKED
R19, R27
RESISTOR SMD0402 360 1/16W 1% ROHS
37
ERJ-2RKF4700X
R20, R21
RESISTOR SMD0402 THICK FILM 470 OHMS 1/10W 1% ROHS
38
CRCW040210K0FKED
R26
RESISTOR SMD0402 10.0K OHMS 1% 1/16W ROHS
39
RMCF0603ZT0R00
R28
RESISTOR SMD0603 ZERO OHMS 1/10W ROHS
40
ERJ-2RKF4302X
R35, R36, R37, R38
RESISTOR SMD0402 THICK FILM 43.0K OHMS 1/10W 1% ROHS
41
RC0402FR-0730KL
R30, R31, R32. R33, R34, R39
RESISTOR SMD0402 THICK FILM 30.0K OHMS 1% 1/16W ROHS
42
CRCW040210R0JNED
R40, R41
RESISTOR SMD0402 10 OHMS 1/16W 1% ROHS
43
MPZ1608S221A
FB1, FB2
FERRITE CHIP, 220 OHMS 2A 100MHZ SMD 0603 ROHS
44
SJ-3523-SMT
HPOUT
JACK AUDIO-STEREO MINI(3.5MM ,3-COND SMT-RA ROHS
45
47346-0001
USB-IN
JACK USB FEMALE TYPEB MICRO SMT-RA 5PIN ROHS
11
SLOU351B – October 2012 – Revised August 2013
TAS5548-5558EVM
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - RC0402FR-07511RL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0402FR-07511RL TI1-RC0402FR-07511RL Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
More results

Similar Description - RC0402FR-07511RL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
   Easy Evaluation of the MAX33071E
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com