Electronic Components Datasheet Search |
|
DE2B3E2102JB2B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
DE2B3E2102JB2B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 83 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C85E.pdf Jul.13,2011 2 o Part Numbering (Part Number) Safety Standard Certified Ceramic Capacitors tCapacitance Expressed by three figures. The unit is pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. oIndividual Specification Code For part number that cannot be identified without "Individual Specification," it is added at the end of part number, expressed by three-digit alphanumerics. For Electrical Appliance and Material Safety Law of Japan, the first three digits ( qProduct ID and wSeries Category) express "Series Name." For Safety Certified Capacitors, the first three digits express product code. The fourth figure expresses certified type shown in rSafety Standard Certified Type column. Vertical Crimp Long Vertical Crimp Long Vertical Crimp Short Straight Long Straight Short Vertical Crimp Taping Straight Taping t 102 y M q DE u N3 r KH e E3 w 2 i A o qProduct ID wSeries Category eTemperature Characteristics rRated Voltage/Safety Standard Certified Type Code E2 KH KY KX yCapacitance Tolerance Capacitance Tolerance Code J K M Z T5% T10% T20% W80%, Y20% Contents Outline Code 1 2 J Cap. Change or Temp. Coeff. Temperature Range Temperature Characteristics Rated Voltage Code B3 E3 F3 1X T10% W20%,Y55% W30%,Y80% W350 to Y1000ppm/D Y25 to W85D W20 to W85D B E F SL Safety Standard Certified AC250V (r.m.s.) IEC60384-14 Class X1, Y1 IEC60384-14 Class X1, Y2 -Products based on the Electrical Appliance and Material Safety Law of Japan- AC250V X1, Y2; AC250V, (Safety Standard Certified Type KH) X1, Y2; AC250V, (Safety Standard Certified Type KY) X1, Y1; AC250V, (Safety Standard Certified Type KX) Product ID DE Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors uLead Style Lead Style Code A2 A3 A4 A5 B2 B3 B4 B5 C3 D3 N2 N3 N4 N5 N7 P3 Lead Spacing Pitch of Components Lead Diameter Dimensions (mm) 5 7.5 10 10 5 7.5 10 10 7.5 7.5 5 7.5 10 10 7.5 7.5 ø0.6 T0.05 ø0.6 W0.1,Y0.05 ø0.6 T0.05 ø0.6 W0.1, Y0.05 ø0.6 T0.05 ø0.6 T0.05 ø0.6 T0.05 ø0.6 W0.1, Y0.05 ø0.6 T0.05 ø0.6 T0.05 Y Y Y Y 12.7 15 25.4 25.4 30 15 iPackaging Packaging Code A B Ammo Pack Taping Bulk |
Similar Part No. - DE2B3E2102JB2B |
|
Similar Description - DE2B3E2102JB2B |