Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRIO-9632 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # SBRIO-9632
Description  NI Single-Board RIO Embedded Control and Acquisition Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

SBRIO-9632 Datasheet(HTML) 2 Page - National Instruments Corporation

  SBRIO-9632 Datasheet HTML 1Page - National Instruments Corporation SBRIO-9632 Datasheet HTML 2Page - National Instruments Corporation SBRIO-9632 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Network
Network Interface ...............................
10BASE-T and
100BASE-TX Ethernet
Compatibility .......................................
IEEE 802.3
Communication rates ..........................
10 Mb/s, 100 Mb/s autonegotiated
Maximum cabling distance.................
100 m/segment
Power Requirements
Power supply voltage range ...............
19 to 30 V
Power consumption (internal, driving no loads)
sbRIO-960x......................................
6.00 W
sbRIO-961x......................................
7.50 W
sbRIO-963x......................................
7.75 W
sbRIO-964x......................................
8.00 W
Xilinx Spartan-3 Reconfigurable FPGA
Number of logic cells
sbRIO-9611/9631/9641 ..................
17,280
sbRIO-9612/9632/9642 ..................
46,080
Available embedded RAM
sbRIO-9611/9631/9641 ..................
432 kb
sbRIO-9612/9632/9642 ..................
720 kb
3.3 V Digital I/O
Number of channels............................
110
Max current per channel ....................
3mA
Output characteristics
Output high voltage....................
2.7 V min; 3.3 V max
Output low voltage.....................
0.07 V min; 0.54 V max
Input characteristics
Input high voltage ......................
2.0 V min; 5.25 V max
Input low voltage .......................
0 V min; 0.8 V max
Analog Input (sbRIO-961x/963x/964x only)
Number of channels............................
32 single-ended or 16 differential
ADC resolution ....................................
16 bits
Conversion time ..................................
4 µs (250 kS/s aggregate)
Nominal input ranges .........................
±10, ±5, ±1, and ±0.2 V
Analog Output (sbRIO-963x/964x only)
Number of channels............................
4
DAC resolution ....................................
16 bits
Update time (one channel) .................
3 µs
Output range .......................................
±10 V
24 V Digital Input (sbRIO-964x only)
Number of channels............................
32
Input type ............................................
Sinking
Digital logic levels
OFF state
Input voltage ..............................
≤5 V
Input current ...............................
≤150 µA
ON state
Input voltage ..............................
≥10 V
Input current ...............................
≥330 µA
24 V Digital Output (sbRIO-964x only)
Number of channels............................
32
Output type .........................................
Sourcing
External supply voltage.......................
6 to 35 VDC
Continuous output current on each channel
No heat sinks..................................
250 mA max
External heat sink added................
1.5 A max (20 A max aggregate)
Physical Characteristics
If you need to clean the device, wipe it with a dry towel.
Torque for screw terminals (J3)..........
0.5 to 0.6 N·m (4.4 to 5.3 lb·in.)
Weight
sbRIO-960x......................................
198.4 g (7.0 oz)
sbRIO-961x......................................
266.5 g (9.4 oz)
sbRIO-963x......................................
269.3 g (9.5 oz)
sbRIO-964x......................................
292.0 g (10.3 oz)
Safety Voltages
Connect only to voltages that are within these limits.
V-to-C ..................................................
35 V max, Measurement Category I
Caution: Do not connect to signal or use for measurements within
Measurement Category II, III, or IV.
Compliance
National Instruments makes no product safety, electromagnetic
compatibility (EMC), or CE marking compliance claims for the sbRIO-
961x/963x/964x. The end-product supplier is responsible for conformity
to any and all compliance requirements.
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit ni.com/environment/weee.htm.
Environmental
The sbRIO-96xx devices are intended for indoor use only. The sbRIO-96xx
devices are intended to be built into a suitable enclosure
Ambient temperature in enclosure
(IEC 60068-2-1, IEC 60068-2-2).................-20 to 55 °C
Storage temperature
(IEC 60068-2-1, IEC 60068-2-2)...........
-40 to 85 °C
Operating humidity (IEC 60068-2-56) .
10 to 90% RH,
noncondensingStorage
humidity (IEC 60068-2-56)5 to
95% RH, noncondensing
Maximum altitude...............................
2,000 m
Pollution degree (IEC 60664) ..............
2
NI Single-Board RIO Embedded Control and Acquisition Devices
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - SBRIO-9632

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBR-70-B LUMINUS-SBR-70-B Datasheet
1Mb / 13P
   Extremely high optical output from a 7 mm2 circular emitter
SBR-70-G LUMINUS-SBR-70-G Datasheet
1Mb / 13P
   Extremely high optical output from a 7 mm2 circular emitter
SBR-90-R-R75-HN100 LUMINUS-SBR-90-R-R75-HN100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
SBR-90-W57S-R71-NA100 LUMINUS-SBR-90-W57S-R71-NA100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
SBR-90-W65S-R71-NA100 LUMINUS-SBR-90-W65S-R71-NA100 Datasheet
1Mb / 15P
   Extremely high optical output from a 9 mm2 square emitter:
More results

Similar Description - SBRIO-9632

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-7842R NI-NIPCIE-7842R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
NIPCIE-7852R NI-NIPCIE-7852R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
logo
Virginia Panel Corporat...
510109487 VPC-510109487 Datasheet
349Kb / 1P
   WDA W/PBC NI-6585 FLEX RIO
logo
National Semiconductor ...
LM3655 NSC-LM3655 Datasheet
827Kb / 21P
   Charge Control and Protection IC for embedded single
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com